Electronic Components Datasheet Search
  English  ▼

X  

E-TDA7514 Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 2Page - STMicroelectronics E-TDA7514 Datasheet HTML 3Page - STMicroelectronics E-TDA7514 Datasheet HTML 4Page - STMicroelectronics E-TDA7514 Datasheet HTML 5Page - STMicroelectronics E-TDA7514 Datasheet HTML 6Page - STMicroelectronics E-TDA7514 Datasheet HTML 7Page - STMicroelectronics E-TDA7514 Datasheet HTML 8Page - STMicroelectronics E-TDA7514 Datasheet HTML 9Page - STMicroelectronics E-TDA7514 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
TDA7514
6/74
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Cift1max
IFT1 Adjustment Capacitor
Maximum
Between MIX1OUT+ and
MIX1OUT-
20.1
pF
Cift1step
IFT1 Adjustment Capacitor
Step
Between MIX1OUT+ and
MIX1OUT-
1.3
pF
RFT Adjustment
Vrftadjmin
RFT Adjustment Minimum
@T6<0:7>=[00000000]
TVIN=3V
0.4
V
Vrftadjmax
RFT Adjustment Maximum
@ T6<0:7>=[11111111]
TVIN=3V
5.9
V
Vrftadjstep
RFT Adjustment Step
TVIN=3V,
VRFTadjstep=TVIN/128
23
mV
VRFT0
@ T6<0:7>=[11000001]
TVIN=3V
3V
Voutmax
Output voltage maximum
VCC-0.4
8.1
V
Voutmin
Output voltage minimum
0.4
V
Wide Band RF AGC (input: FMMIXER1in+ and FMMIXER1IN-)
WAGCspL
Lower Threshold Start
(Set 1) (“min” not used)
Level at FMMIXER1IN+
@V12=100mV
IFT1 primary is shorted and is
connected to GND with 56nF
66.8
dB
µV
WAGCspH
Higher Threshold Start
(Set max)
Level at FMMIX1IN+
@V12=100mV
IFT1 primary is shorted and is
connected to GND with 56nF
83.5
dB
µV
Wide Band Keying AGC ( Controlled by FiltSMeter1ms )
WAGCK
AGC Start (Set 1) shift
Shifted level of AGC Starting
point at FMMIX1IN+ when
VSMeter changes from Vkey
to Vkey-450mV
-12
dB
Vkey
Vsmeter at Keyed AGC start
when V12 changes to 90mV
from 100mV (Set 1)
1.71
V
Narrow Band IF AGC (input: FMMIXEROUT+ and FMMIXER1OUT-)
NAGCspL
Lower Threshold Start (Set 1)
(“min” not used)
Level of IF1 at FMMIX1OUT+
@V12=100mV
90.2
dB
µV
NAGCspH
Higher Threshold Start (Set
max)
Level of IF1 at FMMIX1OUT+
@V12=100mV
WAGC set to max
109
dB
µV
RF AGC Pin Diode Driver Out
Ioutmin
Minimum
AGCOFF
0.1
µA
Ioutmax
Maximum
AGCON; total
@330
Ω
@2.2K
Ω
10.1
8.8
1.35
mA
mA
mA
Table 3. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com