Electronic Components Datasheet Search
  English  ▼

X  

3907 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3907
Description  Color Coded Header for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3907 Datasheet(HTML) 1 Page - Adafruit Industries

  3907 Datasheet HTML 1Page - Adafruit Industries 3907 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Color Coded Header for Raspberry Pi
PRODUCT ID: 3907
Here's a snazzy accessory for your Raspberry Pi Zero or Zero W, a color-coded
2x20 header! This Color Coded Header takes the mystery out of your Raspberry
Pi's 2x20 pinout. No longer will you stare in confusion at all 40 pins, trying to
count out which one you want to plug your wires into.
Peep this handy color coding:
Red = 5V
Yellow = 3V
Black = GND
Blue = Do Not Connect
Green = GPIO


Similar Part No. - 3907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3907 ETC1-3907 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
Heyco.
3907 HEYCO-3907 Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
logo
List of Unclassifed Man...
39070 ETC2-39070 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39070 ETC2-39070 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3907

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
PRT-14017 SPARKFUN-PRT-14017 Datasheet
161Kb / 1P
Raspberry Pi GPIO Tall Header - 2x20
12/6/2016
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
104990448 ETC-104990448 Datasheet
399Kb / 4P
2.13 Triple‐Color E‐Ink Display for Raspberry Pi
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com