Electronic Components Datasheet Search
  English  ▼

X  

SJS322700 Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # SJS322700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS322700 Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  SJS322700 Datasheet HTML 1Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 2Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 3Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 4Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 5Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Road Beverly, MA 01915
M81714/60-22
Series II Size 22
Amphenol Pcd Socket Junction Modules
Materials
Module Body:
Polytherimide per ASTM-D5205
Grommet:
Silicone Blend Elastomer per A-A-59588
Contact Retainers:
Stainless Steel
Internal Pin and Socket Contacts:
Copper Alloy, Hard Gold Plated in
Accordance with MIL-G-4520
4
Operating Range
Temperature:
-65ºC to 200ºC
Insulation Resistance:
5000 Megaohms @ 25ºC
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 110,000 ft.
Current Rating
5 Amps
Vibration & Shock:
MIL-T-81714 Paragraph
3.5.5 and 3.5.8
Front & Side View
Top View
Contact
Military P/N
APCD P/N
QTY*
Size1
P/N M39029
Bussing
Configurations
Part Numbers
.510
.672
.760
MAX
M81714/60-22-01
M81714/60-22-02
M81714/60-22-04
M81714/60-22-05
M81714/60-22-06
M81714/60-22-07
SJM022100
SJM022200
SJM022400
SJM022500
SJM022600
SJM022700
20
20
20
20
20
20
22/22
22/22
22/22
22/22
22/22
22/22
/22-191
/22-191
/22-191
/22-191
/22-191
/22-191
*Quantity figure denotes number of contacts accommodated by module. Modules are supplied with one additional spare contacts and two sealing plugs.
1
Mating End / Wire Barrel.
A
E
J
N
T
B
F
K
P
W
C
G
L
R
Y
D
H
M
S
Z
SKT
Socket Junction Module Dimensions
M81714/60-22-01 SHOWN
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com