Electronic Components Datasheet Search
  English  ▼

X  

TLV5535IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5535IPWR
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5535IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV5535IPWR Datasheet HTML 1Page - Texas Instruments TLV5535IPWR Datasheet HTML 2Page - Texas Instruments TLV5535IPWR Datasheet HTML 3Page - Texas Instruments TLV5535IPWR Datasheet HTML 4Page - Texas Instruments TLV5535IPWR Datasheet HTML 5Page - Texas Instruments TLV5535IPWR Datasheet HTML 6Page - Texas Instruments TLV5535IPWR Datasheet HTML 7Page - Texas Instruments TLV5535IPWR Datasheet HTML 8Page - Texas Instruments TLV5535IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, fCLK = 35 MSPS, external
voltage references (unless otherwise noted) (continued)
logic outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
AVDD = DVDD = DRVDD = 3 V at IOH = 50 µA,
Digital output forced high
2.8
V
VOL
Low-level output voltage
AVDD = DVDD = DRVDD = 3.6 V at IOL = 50 µA,
Digital output forced low
0.1
V
CO
Output capacitance
5
pF
IOZH
High-impedance state output current to
high level
AVDD =DVDD =DRVDD =3 6V
10
µA
IOZL
High-impedance state output current to
low level
AVDD = DVDD = DRVDD = 3.6 V
10
µA
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral nonlinearity (INL) best fit
Internal references (see Note 1)
TA = 25°C
–1.5
±0.7
1.5
LSB
Integral nonlinearity (INL), best-fit
Internal references (see Note 1)
TA = –40°C to 85°C
–2.4
±0.7
2.4
LSB
Differential nonlinearity (DNL)
Internal references (see Note 2),
TA = –40°C to 85°C
–1
±0.6
1.3
LSB
Zero error
AVDD = DVDD = 3.3 V, DRVDD = 3 V,
5
%FS
Full-scale error
DD
DD
DD
Internal references (see Note 3)
5
%FS
NOTES:
1. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full-scale point is defined as a level 1/2 LSB beyond the last code transition. The
deviation is measured from the center of each particular code to the true straight line between these two endpoints.
2. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure
indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under
test [i.e., (last transition level – first transition level)
÷ (2n – 2)]. Using this definition for DNL separates the effects of gain and offset
error. A minimum DNL better than –1 LSB ensures no missing codes.
3. Zero error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that switches
the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the
bottom reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (256).
Full-scale error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that switches
the ADC output from code 254 to code 255. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5
LSB from the top reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references
divided by the number of ADC output levels (256).
analog input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com