Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2145IPWP
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 15Page - Texas Instruments TPS2145IPWP Datasheet HTML 16Page - Texas Instruments TPS2145IPWP Datasheet HTML 17Page - Texas Instruments TPS2145IPWP Datasheet HTML 18Page - Texas Instruments TPS2145IPWP Datasheet HTML 19Page - Texas Instruments TPS2145IPWP Datasheet HTML 20Page - Texas Instruments TPS2145IPWP Datasheet HTML 21Page - Texas Instruments TPS2145IPWP Datasheet HTML 22Page - Texas Instruments TPS2145IPWP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
19
www.ti.com
APPLICATION INFORMATION
USB power-distribution requirements
USB can be implemented in several ways, and, regardless of the type of USB device being developed, several
power-distribution features must be implemented.
D Hosts/self-powered hubs must:
−
Current-limit downstream ports
−
Report overcurrent conditions on USB VBUS
D Bus-powered hubs must:
−
Enable/disable power to downstream ports
−
Power up at <100 mA
−
Limit inrush current (<44
Ω and 10 µF)
D Functions must:
−
Limit inrush currents
−
Power up at <100 mA
The feature set of the TPS2145 and TPS2147 allows them to meet each of these requirements. The integrated
current-limiting and overcurrent reporting is required by hosts and self-powered hubs. The logic-level enable
and controlled rise times meet the need of both input and output ports on bus-powered hubs, as well as the input
ports for bus-powered functions.
USB applications
Figure 19 shows the TPS2147 being used in a USB bus-powered/self-powered peripheral design. The internal
3.3-V LDO is used to provide power for the USB function controller as well as to the 1.5-k
Ω pullup resistor.
In bus-powered mode, switch 1 provides power to the 5-V circuitry. In self-powered mode, switch 2 provides
power to the 5-V circuitry while the USB 5-V still provides power to the 3.3-V LDO (USB allows self-powered
devices to draw up to 100 mA from VBUS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com