Electronic Components Datasheet Search
  English  ▼

X  

TLV5580IPW Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5580IPW
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5580IPW Datasheet(HTML) 2 Page - Texas Instruments

  TLV5580IPW Datasheet HTML 1Page - Texas Instruments TLV5580IPW Datasheet HTML 2Page - Texas Instruments TLV5580IPW Datasheet HTML 3Page - Texas Instruments TLV5580IPW Datasheet HTML 4Page - Texas Instruments TLV5580IPW Datasheet HTML 5Page - Texas Instruments TLV5580IPW Datasheet HTML 6Page - Texas Instruments TLV5580IPW Datasheet HTML 7Page - Texas Instruments TLV5580IPW Datasheet HTML 8Page - Texas Instruments TLV5580IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
2
FUNCTIONAL BLOCK DIAGRAM
SHA
DAC
ADC
+
−
ADC
Correction Logic
Output Buffers
22
2
2
2
D0(LSB)−D7(MSB)
2
2
SHA
SHA
SHA
SHA
SHA
The single-pipeline architecture uses 6 ADC/DAC stages and one final flash ADC. Each stage produces a
resolution of 2 bits. The correction logic generates its result using the 2-bit result from the first stage, 1 bit from
each of the 5 succeeding stages, and 1 bit from the final stage in order to arrive at an 8-bit result. The correction
logic ensures no missing codes over the full operating temperature range.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
TLV5580
SOIC, 28
DW
0
°C to +70°C
TLV5580C
TLV5580CDW
Rails, 20
″
″
″
″
″
TLV5580CDWR
Tape and Reel, 1000
TLV5580
TSSOP. 28
PW
0
°C to +70°C
TV5580
TLV5580CPW
Rails, 20
″
″
″
″
″
TLV5580CPWR
Tape and Reel, 2000
TLV5580
SOIC, 28
DW
−40
°C to +85°C
TLV5580I
TLV5580IDW
Rails, 50
″
″
″
″
″
TLV5580IDWR
Tape and Reel, 1000
TLV5580
TSSOP, 28
PW
−40
°C to +85°C
TY5580
TLV5580IPW
Rails, 50
″
″
″
″
″
TLV5580IPWR
Tape and Reel, 2000
(1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com