Electronic Components Datasheet Search
  English  ▼

X  

TLV5580IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 26Page - Texas Instruments TLV5580IPWR Datasheet HTML 27Page - Texas Instruments TLV5580IPWR Datasheet HTML 28Page - Texas Instruments TLV5580IPWR Datasheet HTML 29Page - Texas Instruments TLV5580IPWR Datasheet HTML 30Page - Texas Instruments TLV5580IPWR Datasheet HTML 31Page - Texas Instruments TLV5580IPWR Datasheet HTML 32Page - Texas Instruments TLV5580IPWR Datasheet HTML 33Page - Texas Instruments TLV5580IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
30
TLV5580 EVALUATION MODULE
Table 3. TLV5580EVM Bill of Material
QTY.
REFERENCE DESIGNATOR
VALUE
SIZE
DESCRIPTION
MANUFACTURER/
PART NUMBER†
7
C1, C11, C13, C3, C5, C7, C9
1
µF
1206
ceramic multi-layer capacitor
Any
18
C10, C12, C14, C15, C16, C17,
C18, C19, C2, C20, C21, C22,
C23, C4, C6, C8, C38, C44
10
µF
3216
16 V, 10
µF, tantalum capacitor
Any
2
C36, C43
0.01
µF
805
Ceramic multi-layer
Any
19
C24, C25, C26, C27, C28, C29,
C30, C31, C32, C33, C34, C35,
C37, C39, C40, C41, C42, C45,
C46
0.1
µF
805
Ceramic multi-layer capacitor
Any
7
J1, J2, J3, J4, J5, J6, J7
Screw Con
2 terminal screw connector
Lumberg
KRMZ2
3
J10, J8, J9
SMA
PCM mount, SMA Jack
Johnson Components
142-0701-206
1
J11
IDC26
13
I × 2.025I square pin header
Samtec
TSW-113-07-L-D
7
L1, L2, L3, L4, L5, L6, L7
4.7
µH
4.7
µH DO1608C-472-Coil Craft
Coil Craft
DO1608-472
1
R2
0
1206
Chip resistor
Any
2
R26, R27
10
1206
Chip resistor
Any
12
R1, R11, R14, R40, R41, R42,
R43, R44, R45, R46, R47, R48
10 K
1206
Chip resistor
Any
6
R10, R12, R15, R16, R8, R9
1 K
1206
Chip resistor
Any
1
R5
2.1 K
1206
Chip resistor
Any
20
R13, R17, R18, R19, R20, R21,
R22, R23, R24, R25, R29, R30,
R31, R32, R33, R35, R36, R37,
R38, R39
20
1206
Chip resistor
Any
1
R3
200
1206
Chip resistor
Any
1
R4
3.24 K
1206
Chip resistor
Any
2
R28, R34
49.9
1206
Chip resistor
Any
1
R6
5 K
4 mm SM pot-top adjust
Bourns
3214W-5K
1
R7
1 K
4 mm SM pot-top adjust
Bourns
3214W-1K
2
SW1, SW2
SPDT
C&K tiny series−slide switch
C&K
TS01CLE
4
TP1, TP2, TP3, TP4
TP
Test point, single 0.025
I pin
Samtec
TSW-101-07-L-S
or equivalent
1
U3
CXD2306Q
Sony
CXD2306Q
1
U2
SN74ALVC00D
14-SOIC (D)
Quad 2-input positive NAND
Texas Instruments
SN74ALVC00D
1
U5
SN74LVT574DW
20-SOP (DW)
Texas Instruments
SN74LVT574DW
† Manufacturer and part number data for reference only. Equivalent parts might be substituted on the EVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com