Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV62565DBVR
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62565DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62565DBVR Datasheet HTML 9Page - Texas Instruments TLV62565DBVR Datasheet HTML 10Page - Texas Instruments TLV62565DBVR Datasheet HTML 11Page - Texas Instruments TLV62565DBVR Datasheet HTML 12Page - Texas Instruments TLV62565DBVR Datasheet HTML 13Page - Texas Instruments TLV62565DBVR Datasheet HTML 14Page - Texas Instruments TLV62565DBVR Datasheet HTML 15Page - Texas Instruments TLV62565DBVR Datasheet HTML 16Page - Texas Instruments TLV62565DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
10µ
100µ
1m
10m
100m
1
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C004
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
SW
2 V/div
V
10 mV/div
o
I
1A/div
inductor
V
V = 1.8 V
IN
O
= 3.6 V
0.4 µs/div
G001
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=4.2V
Vin=5.5V
C003
V
OUT=3.3V
V
IN=5.5V
V
IN=4.2V
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage[V]
Load=0.5A
Load=1A
Load=1.5A
C011
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C001
V
OUT=1. 8V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C002
V
OUT=1.2V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
13
TLV62565, TLV62566
www.ti.com
SLVSBC1D – OCTOBER 2013 – REVISED OCTOBER 2016
Product Folder Links: TLV62565 TLV62566
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
10.2.3 Application Performance Curves
Figure 9. Efficiency vs Load Current
Figure 10. Efficiency vs Load Current
Figure 11. Efficiency vs Load Current
Figure 12. Output Voltage vs Input Voltage
Figure 13. Output Voltage vs Load Current
IOUT = 1.5 A
Figure 14. Typical Application (PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com