Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62565DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C001
V
OUT=1. 8V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
TLV62565
2.7 V to 5.5 V
V
IN
FB
VIN
GND
EN
SW
C2
10 µF
V
OUT
1.8 V
L1
2.2 µH
C1
4.7 µF
R1
240 k
R2
120 k
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV62565, TLV62566
SLVSBC1D – OCTOBER 2013 – REVISED OCTOBER 2016
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
1
1 Features
1
•
2.7-V to 5.5-V Input Voltage Range
•
1.5-MHz Typical Switching Frequency
•
Output Current up to 1.5 A (Max)
•
Adaptive On-Time Current Control
•
Power Save Mode for Light Load Efficiency
•
50-µA Operating Quiescent Current
•
Up to 95% Efficiency
•
Over Current Protection
•
95% Maximum Duty Cycle
•
Excellent AC and Transient Load Response
•
Power Good Output, TLV62566
•
Internal Soft Startup of 250 µs (Typ)
•
Adjustable Output Voltage
•
Thermal Shutdown Protection
•
Available in SOT-23 5-Pin Package
2 Applications
•
Portable Devices
•
DSL Modems
•
Hard Disk Drivers
•
Set Top Box
•
Tablet
3 Description
The TLV62565/6 devices are synchronous step-down
converters optimized for small solution size and high
efficiency. The devices integrate switches capable of
delivering an output current up to 1.5 A.
The devices are based on an adaptive on time with
valley
current
mode
control
scheme.
Typical
operating frequency is 1.5 MHz at medium to heavy
loads. The devices are optimized to achieve very low
output
voltage
ripple
even
with
small
external
components and feature an excellent load transient
response.
During light load, the TLV62565/6 automatically enter
into Power Save Mode at the lowest quiescent
current (50 μA typ) to maintain high efficiency over
the entire load current range. In shutdown, the
current consumption is reduced to less than 1 μA.
The TLV62565/6 provide an adjustable output voltage
via an external resistor divider. The output voltage
start-up ramp is controlled by an internal soft start,
typically 250 µs. Power sequencing is possible by
configuring the Enable (TLV62565) and Power Good
(TLV62566) pins. Other features like over current
protection and over temperature protection are built-
in. The TLV62565/6 devices are available in a SOT-
23 5-pin package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62565
TLV62566
SOT-23 (5)
2.90 mm × 2.80 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
Efficiency vs Load Current


Similar Part No. - TLV62565DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565DBVT TI-TLV62565DBVT Datasheet
1Mb / 27P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
TLV62565DBVT TI2-TLV62565DBVT Datasheet
774Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
TLV62565DBVT.A TI2-TLV62565DBVT.A Datasheet
774Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
More results

Similar Description - TLV62565DBVT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
TLV62565 TI-TLV62565_15 Datasheet
1Mb / 27P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com