Electronic Components Datasheet Search
  English  ▼

X  

TLV5627CPWR.A Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5627CPWR.A
Description  2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5627CPWR.A Datasheet(HTML) 4 Page - Texas Instruments

  TLV5627CPWR.A Datasheet HTML 1Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 2Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 3Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 4Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 5Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 6Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 7Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 8Page - Texas Instruments TLV5627CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLV5627C, TLV5627I
2.7V TO 5.5V 8BIT 4CHANNEL DIGITALTOANALOG CONVERTERS
WITH POWER DOWN
SLAS232A − JUNE1999 − REVISED JULY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
5-V supply
4.5
5
5.5
V
Supply voltage, AVDD, DVDD
3-V supply
2.7
3
3.3
V
High-level digital input voltage, VIH
DVDD = 2.7 V
2
V
High-level digital input voltage, VIH
DVDD = 5.5 V
2.4
V
Low-level digital input voltage, VIL
DVDD = 2.7 V
0.6
V
Low-level digital input voltage, VIL
DVDD = 5.5 V
1
V
Reference voltage, Vref to REFINAB, REFINCD terminal
5-V supply (see Note 1)
0
2.048
AVDD−1.5
V
Reference voltage, Vref to REFINAB, REFINCD terminal
3-V supply (see Note 1)
0
1.024
AVDD−1.5
V
Load resistance, RL
2
10
k
Ω
Load capacitance, CL
100
pF
Serial clock rate, SCLK
20
MHz
Operating free-air temperature
TLV5627C
0
70
°C
Operating free-air temperature
TLV5627I
−40
85
°C
NOTE 1: Voltages greater than AVDD/2 will cause output saturation for large DAC codes.
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted)
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
8
bits
Integral nonlinearity (INL), end point adjusted
See Note 2
±0.3
±0.5
LSB
Differential nonlinearity (DNL)
See Note 3
±0.03
±0.5
LSB
EZS
Zero scale error (offset error at zero scale)
See Note 4
±10
mV
Zero scale error temperature coefficient
See Note 5
10
ppm/
°C
EG
Gain error
See Note 6
±0.6
%of FS
voltage
Gain error temperature coefficient
See Note 7
10
ppm/
°C
NOTES:
2. The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale excluding the effects of zero code and full-scale errors.
3. The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal
1 LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains
constant) as a change in the digital input code.
4. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
5. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) − EZS (Tmin)]/Vref × 106/(Tmax − Tmin).
6. Gain error is the deviation from the ideal output (2Vref − 1 LSB) with an output load of 10 kΩ excluding the effects of the zero-error.
7. Gain temperature coefficient is given by: EG TC = [EG(Tmax) − EG (Tmin)]/Vref × 106/(Tmax − Tmin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com