Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA/3K Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP101NA/3K
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP101NA/3K Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP101NA/3K Datasheet HTML 8Page - Texas Instruments TMP101NA/3K Datasheet HTML 9Page - Texas Instruments TMP101NA/3K Datasheet HTML 10Page - Texas Instruments TMP101NA/3K Datasheet HTML 11Page - Texas Instruments TMP101NA/3K Datasheet HTML 12Page - Texas Instruments TMP101NA/3K Datasheet HTML 13Page - Texas Instruments TMP101NA/3K Datasheet HTML 14Page - Texas Instruments TMP101NA/3K Datasheet HTML 15Page - Texas Instruments TMP101NA/3K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
SCL
SDA
t
(LOW)
t
RC
t
FC
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
t
RD
t
FD
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7.3.2.8 POR (Power-On Reset)
The TMP100 and TMP101 devices both have on-chip, power-on reset circuits that reset the device to default
settings when the device is powered on. This circuit activates when the power supply is less than 0.3 V for more
than 100 ms. If the TMP100 and TMP101 devices are powered down by removing supply voltage from the
device, but the supply voltage is not assured to be less than 0.3 V, TI recommends issuing a General Call reset
command on the I2C interface bus to ensure that the TMP100 and TMP101 devices are completely reset.
7.3.3 Timing Diagrams
The TMP100 and TMP101 devices are Two-Wire, SMBUs, and I2C interface-compatible. Figure 6 to Figure 9
describe the various operations on the TMP100 and TMP101. The following list provides bus definitions.
Parameters for Figure 6 are defined in the Timing Requirements section.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line, from HIGH to LOW, while the SCL line is HIGH,
defines a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from LOW to HIGH while the SCL line is HIGH
defines a STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable LOW during the HIGH period of the Acknowledge clock pulse. Setup and hold times must be taken
into account. On a master receive, the termination of the data transfer can be signaled by the master generating
a Not-Acknowledge on the last byte that is transmitted by the slave.
Figure 6. I2C Timing Diagram
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com