Electronic Components Datasheet Search
  English  ▼

X  

TMP108AIYFFR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP108AIYFFR
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP108AIYFFR Datasheet HTML 4Page - Texas Instruments TMP108AIYFFR Datasheet HTML 5Page - Texas Instruments TMP108AIYFFR Datasheet HTML 6Page - Texas Instruments TMP108AIYFFR Datasheet HTML 7Page - Texas Instruments TMP108AIYFFR Datasheet HTML 8Page - Texas Instruments TMP108AIYFFR Datasheet HTML 9Page - Texas Instruments TMP108AIYFFR Datasheet HTML 10Page - Texas Instruments TMP108AIYFFR Datasheet HTML 11Page - Texas Instruments TMP108AIYFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D001
D001
Average
3Sigma
+3Sigma
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
Mean ± 31
Mean
Mean + 31
C005
20
22
24
26
28
30
32
34
36
38
40
±50
0
50
100
150
Temperature (ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C003
0
10
20
30
40
50
60
70
80
90
1000
10k
100k
1M
10M
Bus Frequency (Hz)
Ta = ±55ƒC
Ta = +25ƒC
Ta = +125ƒC
C004
1k
T
A = ±55ƒC
T
A = +25ƒC
T
A = +125ƒC
0
2
4
6
8
10
12
±50
0
50
100
150
Temperature (ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C001
0
1
2
3
4
5
6
7
8
9
10
±50
0
50
100
150
Temperature (ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C002
8
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
6.7 Typical Characteristics
At TA = +25°C and V+ = 1.8 V, unless otherwise noted.
Figure 5. Quiescent Current vs Temperature (1 Conversion
per Second)
Figure 6. Shutdown Current vs Temperature
Figure 7. Conversion Time vs Temperature
Figure 8. Quiescent Current vs Bus Frequency
Figure 9. Temperature Error vs Temperature
Figure 10. Temperature Error at +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com