Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP107
Description  TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP107 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 8Page - Texas Instruments TMP107 Datasheet HTML 9Page - Texas Instruments TMP107 Datasheet HTML 10Page - Texas Instruments TMP107 Datasheet HTML 11Page - Texas Instruments TMP107 Datasheet HTML 12Page - Texas Instruments TMP107 Datasheet HTML 13Page - Texas Instruments TMP107 Datasheet HTML 14Page - Texas Instruments TMP107 Datasheet HTML 15Page - Texas Instruments TMP107 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Digital Temperature Output
The 14-bit digital output from each temperature measurement conversion is stored in the temperature register.
Read two bytes to obtain the data. Table 1 summarizes the temperature data format. Negative numbers are
represented in binary twos complement format. The temperature sensor resolution is 0.015625ºC/LSB.
Table 1. Temperature Data Format
DIGITAL OUTPUT
TEMPERATURE (°C)
BINARY
HEX
127.984
01 1111 1111 1111
1FFF
100
01 1001 0000 0000
1900
80
01 0100 0000 1000
1408
75
01 0010 1100 0000
12C0
50
00 1100 1000 0000
C80
25
00 0110 0100 0000
640
0.25
00 0000 0001 0000
10
0
00 0000 0000 0000
0
–0.25
11 1111 1111 0000
3FF0
–25
11 1001 1100 0000
39C0
–55
11 0010 0100 0000
3240
Use the following rules to obtain the data for a given temperature, and vice versa.
•
To convert positive temperatures to a digital data format:
Divide the temperature by the resolution. Then, convert the result to binary code with a 14-bit, left-justified
format.
Example: (50°C) / (0.015625°C / LSB) = 3200 = C80h = 00 1100 1000 0000 = C80h
•
To convert a positive digital data format to temperature:
Convert the 14-bit, left-justified, binary temperature result to a decimal number. Then, multiply the decimal
number by the resolution to obtain the positive temperature.
Example: 00 1100 1000 0000 = C80h = 3200 × (0.015625°C / LSB) = 50°C
•
To convert negative temperatures to a digital data format:
Divide the absolute value of the temperature by the resolution and convert the result to binary code with a 14-
bit, left-justified format. Then, generate the twos complement of the result by complementing the binary
number and adding one.
Example: (|–25°C|) / (0.015625°C / LSB) = 1600 = 640h = 00 0110 0100 0000
Twos complement format: 11 1001 1011 1111 + 1 = 11 1001 1100 0000 = 39C0h
•
To convert a negative digital data format to temperature:
Generate the twos complement of the 14-bit, left-justified binary number of the temperature result by
complementing the binary number and adding one. This number is the binary representation of the absolute
value of the temperature. Convert to a decimal number and multiply by the resolution to obtain the absolute
temperature, then multiply by –1 for the negative sign.
Example: 11 1001 1100 0000 has a twos complement of 00 0110 0011 1111 + 1 = 00 0110 0100 0000
Convert to temperature: 00 0110 0100 0000 = 640h = 1600; 1600 × (0.015625°C / LSB) = 25°C = (|–25°C|);
(|–25°C|) × (–1) = –25°C
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com