Electronic Components Datasheet Search
  English  ▼

X  

TMP100 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP100
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP100 Datasheet(HTML) 3 Page - Texas Instruments

  TMP100 Datasheet HTML 1Page - Texas Instruments TMP100 Datasheet HTML 2Page - Texas Instruments TMP100 Datasheet HTML 3Page - Texas Instruments TMP100 Datasheet HTML 4Page - Texas Instruments TMP100 Datasheet HTML 5Page - Texas Instruments TMP100 Datasheet HTML 6Page - Texas Instruments TMP100 Datasheet HTML 7Page - Texas Instruments TMP100 Datasheet HTML 8Page - Texas Instruments TMP100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SCL
GND
ALERT
SDA
ADD0
V+
1
2
3
6
5
4
TMP101
SCL
GND
ADD1
SDA
ADD0
V+
1
2
3
6
5
4
TMP100
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
TMP100
TMP101
ADD0
5
5
I
Address select. Connect to GND, V+, or leave floating.
ADD1
3
—
I
Address select. Connect to GND, V+, or leave floating.
ALERT
—
3
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
GND
2
2
—
Ground
SCL
1
1
I
Serial clock. Open-drain output; requires a pullup resistor.
SDA
6
6
I/O
Serial data. Open-drain output; requires a pullup resistor.
V+
4
4
I
Supply voltage, 2.7 V to 5.5 V
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com