Electronic Components Datasheet Search
  English  ▼

X  

TMP122 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP122
Description  1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP122 Datasheet(HTML) 3 Page - Texas Instruments

  TMP122 Datasheet HTML 1Page - Texas Instruments TMP122 Datasheet HTML 2Page - Texas Instruments TMP122 Datasheet HTML 3Page - Texas Instruments TMP122 Datasheet HTML 4Page - Texas Instruments TMP122 Datasheet HTML 5Page - Texas Instruments TMP122 Datasheet HTML 6Page - Texas Instruments TMP122 Datasheet HTML 7Page - Texas Instruments TMP122 Datasheet HTML 8Page - Texas Instruments TMP122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TMP122, TMP124
3
SBOS272B
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
–40
+125
°C
Accuracy (Temperature Error)
–25
°C to +85°C
±0.5
±1.5
°C
–40
°C to +125°C
±1.0
±2.0
°C
–55
°C to +150°C
±1.5
°C
vs Supply
–0.3
0.1
+0.3
°C/V
Resolution(1)
Selectable
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
V
VIL
0.3(V+)
V
Input Current, SO/I, SCK, CS
0V
≤ V
IN ≤ V+
±1
µA
Output Logic Levels:
VOL SO/I
ISINK = 3mA
0.4
V
VOH SO/I
ISOURCE = 2mA
(V+)–0.4
V
VOL ALERT
ISINK = 4mA
0.4
V
Leakage Current ALERT
0V
≤ V
IN ≤ 6V
±1
µA
Input Capacitance, SO/I, SCK, CS, ALERT
2.5
pF
Resolution
Selectable
9 to 12 + Sign
Bits
Conversion Time
9-Bit + Sign
30
40
ms
10-Bit + Sign
60
80
ms
11-Bit + Sign
120
160
ms
12-Bit + Sign
240
320
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
75
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
1
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Storage Range
–60
+150
°C
Thermal Resistance,
θ
JA
SOT23-6 Surface-Mount
200
°C/W
SO-8 Surface-Mount
150
°C/W
NOTE: (1) Specified for 12-bit resolution.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
TMP122, TMP124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com