Electronic Components Datasheet Search
  English  ▼

X  

TMP302BDRLR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP302BDRLR
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302BDRLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP302BDRLR Datasheet HTML 3Page - Texas Instruments TMP302BDRLR Datasheet HTML 4Page - Texas Instruments TMP302BDRLR Datasheet HTML 5Page - Texas Instruments TMP302BDRLR Datasheet HTML 6Page - Texas Instruments TMP302BDRLR Datasheet HTML 7Page - Texas Instruments TMP302BDRLR Datasheet HTML 8Page - Texas Instruments TMP302BDRLR Datasheet HTML 9Page - Texas Instruments TMP302BDRLR Datasheet HTML 10Page - Texas Instruments TMP302BDRLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TRIPSET0
Temperature
Threshold and
Hysteresis
Temperature
Sensor
Comparator
Alert
Bias
TRIPSET1
GROUND
OUT
VS
HYSTSET
7
TMP302
www.ti.com
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP302
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP302 temperature switch is optimal for ultra low-power applications that require accurate trip thresholds.
A temperature switch is a device that issues an alert response when a temperature threshold is reached or
exceeded. The trip thresholds are programmable to four different settings using the TRIPSET1 and TRIPSET0
pins. Table 1 lists the pin settings versus trip points.
Table 1. Trip Point versus TRIPSET1 and TRIPSET0
TRIPSET1
TRIPSET0
TMP302A
TMP302B
TMP302C
TMP302D
GND
GND
50°C
70°C
90°C
110°C
GND
VS
55°C
75°C
95°C
115°C
VS
GND
60°C
80°C
100°C
120°C
VS
VS
65°C
85°C
105°C
125°C
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com