Electronic Components Datasheet Search
  English  ▼

X  

W39V080APZ Datasheet(PDF) 32 Page - Winbond

Part # W39V080APZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080APZ Datasheet(HTML) 32 Page - Winbond

Back Button W39V080APZ Datasheet HTML 26Page - Winbond W39V080APZ Datasheet HTML 27Page - Winbond W39V080APZ Datasheet HTML 28Page - Winbond W39V080APZ Datasheet HTML 29Page - Winbond W39V080APZ Datasheet HTML 30Page - Winbond W39V080APZ Datasheet HTML 31Page - Winbond W39V080APZ Datasheet HTML 32Page - Winbond W39V080APZ Datasheet HTML 33Page - Winbond W39V080APZ Datasheet HTML 34Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
W39V080A
- 32 -
17. PACKAGE DIMENSIONS
17.1 32L PLCC
Notes:
L
c
1
b
2
A
H
E
E
e
b
D HD
y
A
A1
Seating Plane
E
G
G D
1
13
14
20
29
32
4
5
21
30
1. Dimensions D & E do not include interlead flash.
2. Dimension b1 does not include dambar protrusion/intrusio
3. Controlling dimension: Inches
4. General appearance spec. should be based on final
visual inspection sepc.
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
1
2
E
b 1
G D
3.56
0.50
2.80
2.67
2.93
0.71
0.66
0.81
0.41
0.46
0.56
0.20
0.25
0.35
13.89
13.97
14.05
11.35
11.43
11.51
1.27
H D
G E
12.45
12.95
13.46
9.91
10.41
10.92
14.86
14.99
15.11
12.32
12.45
12.57
1.91
2.29
0.004
0.095
0.090
0.075
0.495
0.490
0.485
0.595
0.590
0.585
0.430
0.410
0.390
0.530
0.510
0.490
0.050
0.453
0.450
0.447
0.553
0.550
0.547
0.014
0.010
0.008
0.022
0.018
0.016
0.032
0.026
0.028
0.115
0.105
0.110
0.020
0.140
1.12
1.42
0.044
0.056
0
10
10
0
0.10
2.41
θ
θ
17.2 32L STSOP (8x14mm)
Min.
Dimension in Inches
Nom.
Max.
Min.
Nom. Max.
Symbol
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.10
0.50
0.00
0
0.22
0.27
-----
0.21
12.40
8.00
14.00
0.50
0.60
0.70
0.80
0.10
35
0.047
0.006
0.041
0.040
0.035
0.007
0.009
0.010
0.004
-----
0.008
0.488
0.315
0.551
0.020
0.020
0.024
0.028
0.031
0.000
0.004
03
5
0.002
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
HD
θ
Dimension in mm
A
A
A
2
1
L
L 1
Y
E
H
D
D
c
θ
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com