Electronic Components Datasheet Search
  English  ▼

X  

TMP814 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP814
Description  TMP814 Variable Speed Single-phase Full-wave Fan Motor Predriver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP814 Datasheet(HTML) 4 Page - Texas Instruments

  TMP814 Datasheet HTML 1Page - Texas Instruments TMP814 Datasheet HTML 2Page - Texas Instruments TMP814 Datasheet HTML 3Page - Texas Instruments TMP814 Datasheet HTML 4Page - Texas Instruments TMP814 Datasheet HTML 5Page - Texas Instruments TMP814 Datasheet HTML 6Page - Texas Instruments TMP814 Datasheet HTML 7Page - Texas Instruments TMP814 Datasheet HTML 8Page - Texas Instruments TMP814 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TMP814
SLDS151A – MAY 2009 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
18
V
VOUT
Output voltage
OUT1P, OUT1N, OUT2P, OUT2N
18
V
IOUT
Continuous output current
OUT1P, OUT1N, OUT2P, OUT2N
50
mA
IHB
Continuous output current
HB
10
mA
VTH
Input voltage
VTH
8
V
VRD
Output voltage
RD, FG
18
V
VFG
IRD
Continuous output current
RD, FG
10
mA
IFG
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA = 25°C
MIN
MAX
UNIT
VCC
Supply voltage
6
16
V
VTH
VTH input voltage
Full-speed mode
0
7
V
VICM
Hall input common phase input voltage
0.2
3
V
TA
Operating free-air temperature
–30
95
°C
6.4 Thermal Information
TMP814
THERMAL METRIC(1)
PW (TSSOP)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
83
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
90.6
°C/W
RθJB
Junction-to-board thermal resistance
42.1
°C/W
ψJT
Junction-to-top characterization parameter
24.3
°C/W
ψJB
Junction-to-board characterization parameter
0.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
41.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com