Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP75C
Description  TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP75C Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP75C Datasheet HTML 17Page - Texas Instruments TMP75C Datasheet HTML 18Page - Texas Instruments TMP75C Datasheet HTML 19Page - Texas Instruments TMP75C Datasheet HTML 20Page - Texas Instruments TMP75C Datasheet HTML 21Page - Texas Instruments TMP75C Datasheet HTML 22Page - Texas Instruments TMP75C Datasheet HTML 23Page - Texas Instruments TMP75C Datasheet HTML 24Page - Texas Instruments TMP75C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Serial Bus Traces
Pull-Up Resistors
Supply Bypass
Capacitor
Via to Power or Ground Plane
Via to Internal Layer
Supply Voltage
SDA
SCL
ALERT
A2
A1
A0
VS
GND
Ground Plane for
Thermal Coupling
to Heat Source
Heat Source
21
TMP75C-Q1
www.ti.com
SBOS840 – NOVEMBER 2016
Product Folder Links: TMP75C-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.01 μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies.
Pull up the open-drain output pins (SDA and ALERT) to a supply voltage rail (VS or higher but up to 3.6 V)
through 10-kΩ pull-up resistors.
10.2 Layout Example
Figure 20. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com