Electronic Components Datasheet Search
  English  ▼

X  

3945 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3945
Description  Zero Stem for Pi Zero 1.3 and Pi Zero W 1.1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3945 Datasheet(HTML) 1 Page - Adafruit Industries

  3945 Datasheet HTML 1Page - Adafruit Industries 3945 Datasheet HTML 2Page - Adafruit Industries 3945 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
            
 
 
 
Zero Stem for Pi Zero 1.3 and Pi
Zero W 1.1
PRODUCT ID: 3945
Zero Stem? More like,
full stream ahead! This is a neat little PCB shim that
transforms your Raspberry Pi Zero into a USB dongle! Super handy when you
want to share your computer's Internet connection without messing with
extraneous adapters, cables, what have you. Works great with our USB Gadget
for Raspberry Pi Zero guide.
Once soldered on, the Stem lets you plug into USB to get power and data over a
computer USB port. Use it on the go to create VNC or proxy servers or cluster
several Zeros together.


Similar Part No. - 3945

ManufacturerPart #DatasheetDescription
logo
Honeywell Miller
39455 MILLER-39455 Datasheet
90Kb / 1P
DESOLDERING GUNS
logo
ERNI Electronics
394570 ERNI-394570 Datasheet
52Kb / 1P
MSpeed Federl. 90 PM
logo
TE Connectivity Ltd
394570-E TEC-394570-E Datasheet
66Kb / 2P
5-pin, right angle, THR
394570-E
logo
ERNI Electronics
394571 ERNI-394571 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM THR
394572 ERNI-394572 Datasheet
54Kb / 1P
MSpeed Messerl. 90 PM
More results

Similar Description - 3945

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
National Semiconductor ...
LMC669 NSC-LMC669 Datasheet
465Kb / 14P
AUTO-ZERO
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
logo
EDA Technology Co.,LTD
ED-GWL501 EDATEC-ED-GWL501 Datasheet
1Mb / 16P
AN INDOOR LIGHT GATEWAY BASED ON RASPBERRY PI ZERO 2 W
2023-02-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com