Electronic Components Datasheet Search
  English  ▼

X  

3966 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3966
Description  Adafruit BMP388 - Precision Barometric Pressure and Altimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3966 Datasheet(HTML) 2 Page - Adafruit Industries

  3966 Datasheet HTML 1Page - Adafruit Industries 3966 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This sensor has a relative accuracy of 8 Pascals, which translates to about ± 0.5
meter of altitude (compare to the BMP280's 12 Pascal/ ±1 meter). The datasheet
sort of implies they intend this sensor to be used for drones and quadcopters,
to keep altitude stable, but you could also use this for wearables or any project
that wants to track height-above-sea-level. Note that for absolute height you'll
still need to enter in the barometric pressure at sea level, if the weather
changes, but that's true of every altimeter sensor that uses pressure. You can
also measure temperature with ±0.5°C accuracy.
Nice sensor right? So we made it easy for you to get right into your next project.
The surface-mount sensor is soldered onto a PCB and comes with a 3.3V
regulator and level shifting so you can use it with a 3V or 5V logic
microcontroller without worry. Check out the Arduino library to get data out in
under 10 minutes!
TECHNICAL DETAILS
Product Dimensions: 21.6mm x 16.6mm x 3.0mm / 0.9" x 0.7" x 0.1"
Product Weight: 1.2g / 0.0oz
 
                                               https://www.adafruit.com/product/3966 10‐23‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com