Electronic Components Datasheet Search
  English  ▼

X  

4075 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4075
Description  Adafruit Radio Bonnet RFM96W @ 433MHz - RadioFruit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4075 Datasheet(HTML) 2 Page - Adafruit Industries

  4075 Datasheet HTML 1Page - Adafruit Industries 4075 Datasheet HTML 2Page - Adafruit Industries 4075 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
You not only get a radio module, but also a 128x32 OLED display for status
messages and three buttons you can use for creating a custom user interface or
sending test messages. All of the above is supported with our Python libraries
so you can send or receive LoRa data with other matching modules, send data to
a LoRaWAN gateway, or even set up your own single channel LoRaWAN-to-
Internet gateways.
Compared to the 2.4 GHz WiFi/Bluetooth radios on the Pi already, these modules
run at 433 or 900 MHz (sub-GHz). You can't send data as fast but you can send
data a lot farther. These packet radios are simpler than WiFi or BLE, you don't
have to associate, pair, scan, or worry about connections. All you do is send
data whenever you like, and any other modules tuned to that same frequency
(and, with the same encryption key) will receive. The receiver can then send a
reply back. The modules do packetization, error correction and can also auto-
retransmit so it's not like you have worry about everything but less power is
wasted on maintaining a link or pairing.
These modules are great for use with other microcontrollers with matching
radios (like say our RadioFruit Feathers), say if you want a sensor node network
or transmit data over a campus or town. The trade off is you need two or more
radios, with matching frequencies.
These radio modules come in four variants (two modulation types and two
frequencies) The RFM69's are easiest to work with, and are well known and
understood. The LoRa radios are exciting and more powerful but also more
expensive.
This is the 433 MHz radio version - the exact radio frequency is determined
when you load the software since it can be tuned around dynamically. These are
+20dBm LoRa packet radios that have a special radio modulation that is not
compatible with the RFM69s but can go much much farther. They can easily go 2
Km line of sight using simple wire antennas, or up to 20Km with directional
antennas and settings tweakings
Packet radio with ready-to-go CircuitPython libraries
Uses the license-free ISM band: "European ISM" @ 868MHz or "American
ISM" @ 915MHz
Use a simple wire antenna or spot for uFL or SMA radio connector
SX1276 LoRa® based module with SPI interface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com