Electronic Components Datasheet Search
  English  ▼

X  

4200 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4200
Description  Adafruit PyBadge for MakeCode Arcade, CircuitPython or Arduino
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4200 Datasheet(HTML) 2 Page - Adafruit Industries

  4200 Datasheet HTML 1Page - Adafruit Industries 4200 Datasheet HTML 2Page - Adafruit Industries 4200 Datasheet HTML 3Page - Adafruit Industries 4200 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The PyBadge is a compact board, like we said, it's credit card sized. It's powered
by our favorite chip, the ATSAMD51, with 512KB of flash and 192KB of RAM. We
add 2 MB of QSPI flash for file storage, handy for images, fonts, sounds, or
game assets.
On the front you get a 1.8" 160x128 color TFT display with dimmable backlight
- we have fast DMA support for drawing so updates are incredibly fast. There's
also 8 silicone-top buttons, they are clicky but have a soft button top so they're
nice and grippy. The buttons are arranged to mimic a gaming handheld, with a
d-pad, 2 menu-select buttons and 2 fire-action buttons. There's also 5 NeoPixel
LEDs to dazzle or track activity.
On the back we have a full Feather-compatible header socket set, so you can
plug in any FeatherWing to expand the capabilities of the PyBadge. There's also
3 STEMMA connectors - two 3-pin with ADC/PWM capability and one 4-pin that
connects to I2C - you can use this for Grove sensors as well.
For built in sensors, there's a light sensor that points out the front, and a 3-axis
accelerometer that can detect taps and free-fall. To make bleeps and bloops,
there's a built in buzzer-speaker. For projects where you need more volume,
you can plug in one of our 8 ohm speakers.
You can power the PyBadge from any of our LiPoly batteries, but we like this
400mAh one. An on-off switch will save battery power when not in use. Or
power from the Micro USB port - it will also charge up the battery if one is
attached.
Now, how to program it? Well you've got a lot of options!
MakeCode Arcade is the easiest to start for making games, you can drag-
and-drop blocks and load games over the disk-drive bootloader
CircuitPython lets you draw graphics, play wave files and print out text in
any fonts - all in Python! There's tons of sensor support as well.
Arduino is low level, powerful, but a little more challenging. You can use
Adafruit Arcadato interface with the hardware and it will abstract some of
the nitty-gritty details like reading buttons for you.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com