Electronic Components Datasheet Search
  English  ▼

X  

4224 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4224
Description  Adafruit eInk Breakout Friend with 32KB SRAM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4224 Datasheet(HTML) 1 Page - Adafruit Industries

  4224 Datasheet HTML 1Page - Adafruit Industries 4224 Datasheet HTML 2Page - Adafruit Industries 4224 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Adafruit eInk Breakout Friend with 32KB
SRAM PRODUCT ID: 4224
Add some bi-stability to your life with an Adafruit EInk Breakout Friend - your
fun pal who's happy to lend a hand when you want to work with EInk/E-Paper
displays. Luckily for us, just about every small-medium size EInk display made
these days has a standard 24-pin connection. This breakout will add all the
power supply support circuitry and level shifting so you can attach your favorite
display (up to tri-color 4.2") and wire it up to your favorite development board.
Using our CircuitPython or Arduino libraries, you can create a 'frame buffer' with
what pixels you want to have activated and then write that out to the display.
Most simple breakouts leave it at that. But...just about all EInk displays are
write-only and many only let you update the full display (not partial update).
That means you have to buffer the full image you want to display, taking up
precious RAM.
The Eink Friend is much friendlier - it comes with 256 Kilobit (32 Kilobyte)
SRAM chip. That means you can control up to a 4.2" 300x400 tri-color display
(300*400 * 2 colors / 8 bits-per-byte = 30KB). This chip shares the SPI port the
eInk display uses, so you only need one extra pin. And, no more frame-
buffering! You can use the SRAM to set up whatever you want to display, then
shuffle data from SRAM to eInk when you're ready. The library we wrote does all


Similar Part No. - 4224

ManufacturerPart #DatasheetDescription
logo
Heyco.
4224 HEYCO-4224 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
3M Electronics
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
FastbondTM Pressure Sensitive Adhesives
Feb-2015
logo
Turck, Inc.
42241 TURCK-42241 Datasheet
320Kb / 3P
Inductive Sensor
11/07/2023
4224191 TURCK-4224191 Datasheet
316Kb / 2P
Inductive Sensor
11/07/2023
4224194 TURCK-4224194 Datasheet
320Kb / 2P
Inductive Sensor
11/07/2023
More results

Similar Description - 4224

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
logo
Intersil Corporation
X5323 INTERSIL-X5323 Datasheet
360Kb / 21P
CPU Supervisor with 32Kb SPI EEPROM
October 27, 2005
logo
STMicroelectronics
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
logo
Holtek Semiconductor In...
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
July 24, 2014
logo
List of Unclassifed Man...
SI7021 ETC2-SI7021 Datasheet
1Mb / 18P
Adafruit Si7021 Temperature Humidity Sensor
BNO085 ETC-BNO085 Datasheet
2Mb / 38P
Adafruit 9-DOF Orientation IMU Fusion Breakout - BNO085
2021-03-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com