Electronic Components Datasheet Search
  English  ▼

X  

4309 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4309
Description  Grove Shield FeatherWing for Particle Mesh and all Feathers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4309 Datasheet(HTML) 2 Page - Adafruit Industries

  4309 Datasheet HTML 1Page - Adafruit Industries 4309 Datasheet HTML 2Page - Adafruit Industries 4309 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
You get 8 Grove connectors on this shield, including:
3 Grove analog connectors, 2 analog pins each, 6 analog pins in total
2 Grove digital connectors, 2 digital pins each, 4 digital pins in total;
2 Grove I2C connectors (these will also fit our 4-pin STEMMA connectors)
1 Grove UART connector
Please note that this board was designed for Particle Mesh, so the pin numbers
next to each Grove connector match the pin numbering used on Particle. If
you're using Particle boards, you're good to go! If you're using
other Feather
boards, and only using the UART (RX/TX), I2C (SDA/SCL) or analog pins (A0-A5),
the numbering will match up just fine since that's the same on pretty much all
Feather boards (some, like the ESP8266, don't have A1-A5 pins). But, for
the
digital connectors, you'll need to look and match the pin numbers from the
Feather you've got to a Particle Mesh board since many Feathers have different
digital pin numbering. Or use a multimeter to verify connectivity. It's not a big
deal as long as you know to watch out for it, and it only affects the 2 digital
connectors.
TECHNICAL DETAILS
8 Grove connectors 
3.3V compatible 
User Guide   https://spectra‐mesh.herokuapp.com/docs/ 
Product Dimensions: 57.6mm x 53.0mm x 11.8mm / 2.3" x 2.1" x 0.5"
Product Weight: 18.7g / 0.7oz
Schematic   
https://cdn‐shop.adafruit.com/product‐
files/4309/P4309_Grove%20Shield%20for%20Particle%20Mesh.pdf 
 
 
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com