Electronic Components Datasheet Search
  English  ▼

X  

4354 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4354
Description  Adafruit Perma-Proto 40-Pin Raspberry Pi Breadboard PCB Kit - with 2x20 Header
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4354 Datasheet(HTML) 2 Page - Adafruit Industries

  4354 Datasheet HTML 1Page - Adafruit Industries 4354 Datasheet HTML 2Page - Adafruit Industries 4354 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Customers have asked us to carry basic perf-board, but we never liked the look
of most basic perf: it's always crummy quality with pads that flake off and no
labeling. Then we thought about how people actually prototype - usually
starting with a solderless breadboard and then transferring the parts to a more
permanent PCB. That's when we realized what people would really like is a proto
board that makes it easy!
This proto-board is the PCB you always wish you had, but never realized it! We
took the basic layout of a full-sized breadboard (the PCB has 60 rows instead of
63 rows) and turned that into a beautiful PCB. The top side has a white
silkscreen and the same markings you're familiar with, to make transferring
components easy. The bottom has the 5-hole pad design that matches a classic
breadboard, with 4 power bus lines on the sides, and no mask so you can easily
cut traces when necessary. We used 1.2mm diameter drill holes so even parts
with big leads will fit. All holes are thru-plated for strength - these won't peel
off with rework. The finish is a gold plate - you won't get oxidation like with
bare copper perf! There are also tons of mounting holes so you can attach the
PCB to your project box.
Comes as one PCB and one box header. You'll need to do a little soldering to
attach the box header to the PCB. but it's fast and easy to do. To connect a Pi,
you'll also need a 40-pin GPIO cable, if you don't already have one.
TECHNICAL DETAILS
20 x dual rows 4-pin holes breaking out the GPIO cable
2 x dual rows of 4-holes
38 x dual rows of 5-holes
4 power rails with positive/negative markings
6.2" x 2.0" (160mm x 50.8mm), 0.063" thick FR4
1.2mm / 0.047" drill hole
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com