Electronic Components Datasheet Search
  English  ▼

X  

LYP476 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LYP476
Description  Hyper PointLED Hyper-Bright LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYP476 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LYP476 Datasheet HTML 4Page - OSRAM GmbH LYP476 Datasheet HTML 5Page - OSRAM GmbH LYP476 Datasheet HTML 6Page - OSRAM GmbH LYP476 Datasheet HTML 7Page - OSRAM GmbH LYP476 Datasheet HTML 8Page - OSRAM GmbH LYP476 Datasheet HTML 9Page - OSRAM GmbH LYP476 Datasheet HTML 10Page - OSRAM GmbH LYP476 Datasheet HTML 11Page - OSRAM GmbH LYP476 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LO P476, LY P476
2007-08-07
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C, yellow
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C, yellow
OHL01031
0
0
20
40
60
80 ˚C 100
T
I
F
temp. ambient
temp. solder point
A
S
T
T
5
10
15
20
25
30
35
mA
A
T
S
T
0
F
I
P
t
=
D
T
tp
OHL02657
T
t
P
IF
0.02
1
0.5
0.1
0.2
D =
0.005
0.01
0.05
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
s
2
10
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
A
0.22
0
F
I
P
t
=
D
T
tp
OHL02657
T
t
P
IF
0.02
1
0.5
0.1
0.2
D =
0.005
0.01
0.05
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
s
2
10
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
A
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com