Electronic Components Datasheet Search
  English  ▼

X  

4417 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4417
Description  Sony Spresense 5MP Camera Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4417 Datasheet(HTML) 2 Page - Adafruit Industries

  4417 Datasheet HTML 1Page - Adafruit Industries 4417 Datasheet HTML 2Page - Adafruit Industries 4417 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
Shutter speed range: 1/8 s (long AE mode) to 1/42000 s
White balance: Auto, Daylight, Cloud, Fluorescent, Lamp
Focus control: Auto, Single AF, Continuous AF, Manual control
Output still picture format: JPEG(4:2:2), Y/Cb/Cr, YUV, RGB, RAW,
JPEG+YUV(thumbnail)
Still data rate: 5M pixel 15 frame/s JPEG output
Movie data rate: SVGA 30 frame/s YCbCr output
HD movie support: 1080p(1920×1030 30 frame/s), 720p(1208×720 60
frame/s)
JPEG output, JPEG+YCbCr output
Note: This is just the camera board. You'll need the main board as well.
TECHNICAL DETAILS
Specifications:
GitHub Repository
Spresense hardware and software guides and documentation
FAQ
Model name: CXD5602PWBCAM1
Size: 24mm x 25mm
Number of effective pixels: 2608 (H) x 1960 (V) = approx. 5.11 M pixels
Operation voltage: DC 3.7V
I/O voltage: DC 1.8V
Camera interface: CMOS 8 bit parallel
Output format: Y/C, RGB, RAW and JPEG
Control interface: I2C
Built-in filter: IR cut filter
FOV: 78° ± 3°
Depth of field: 77.5 cm ~ ∞
F value: 2.0 ± 5%
Focus: Fixed focus
Operating conditions: Temperature: 10 - 40℃, Humidity: 30% - 80% (no
condensation)
Storage conditions: Temperature: -20 - 60℃, Humidity: 10% - 80%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com