Electronic Components Datasheet Search
  English  ▼

X  

RM20 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RM20
Description  HIGH SPEED SWITCHING USE INSULATED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM20 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RM20 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM20 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM20 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feb.1999
ABSOLUTE MAXIMUM RATINGS (Tj=25
°C)
Unit
V
V
V
MITSUBISHI FAST RECOVERY DIODE MODULES
RM20HA-XXF
HIGH SPEED SWITCHING USE
INSULATED TYPE
12
600
720
480
Symbol
VRRM
VDRM
VR (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Reverse DC voltage
Unit
A
A
A2s
°C
°C
V
N·m
kg·cm
g
Conditions
Resistive load, TC=114
°C
One half cycle at 60Hz, peak value
Value for one cycle of surge current
Charged part to case
Mounting screw M4
Typical value
Ratings
20
400
6.7
×102
–40~+150
–40~+125
2500
0.98~1.47
10~15
25
Symbol
IDC
IFSM
I2t
Tj
Tstg
Viso
—
—
Parameter
DC current
Surge (non-repetitive) forward current
I2t for fusing
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Voltage class
20
1000
1100
800
24
1200
1350
960
Unit
mA
V
µs
µC
°C/W
°C/W
Limits
Symbol
IRRM
VFM
trr
Qrr
Rth (j-c)
Rth (c-f)
Parameter
Repetitive reverse current
Forward voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
Contact thermal resistance
Test conditions
Tj=150
°C, VRRM applied
Tj=25
°C, IFM=20A, instantaneous meas.
IFM=20A, di/dt=–50A/
µs, VR=300/600V*1, Tj=150°C
Junction to case
Case to fin, conductive grease applied
Min.
—
—
—
—
—
—
Typ.
—
—
—
—
—
—
Max.
5.0
1.5
0.8
15
1.2
0.8
ELECTRICAL CHARACTERISTICS
*1 12 class: VR=300V
20, 24 class: VR=600V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com