Electronic Components Datasheet Search
  English  ▼

X  

74VHCT138 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHCT138
Description  3 TO 8 LINE DECODER INVERTING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT138 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHCT138 Datasheet HTML 1Page - STMicroelectronics 74VHCT138 Datasheet HTML 2Page - STMicroelectronics 74VHCT138 Datasheet HTML 3Page - STMicroelectronics 74VHCT138 Datasheet HTML 4Page - STMicroelectronics 74VHCT138 Datasheet HTML 5Page - STMicroelectronics 74VHCT138 Datasheet HTML 6Page - STMicroelectronics 74VHCT138 Datasheet HTML 7Page - STMicroelectronics 74VHCT138 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1, 2, 3
A, B, C
Address Inputs
4, 5
G2A, G2B
Enable Inputs
6
G1
Enable Input
15, 14, 13,
12, 11, 10,
9, 7
Y0 to Y7
Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
TRUTH TABLE
INPUT S
OUTPUTS
ENABL E
SELECT
G2B
G2A
G 1
C
B
A
Y0Y1Y2Y3
Y4
Y5Y6Y7
X
X
L
X
X
X
HHHHH
H
H
H
X
H
X
X
X
X
HHHHH
H
H
H
H
X
X
X
X
X
HHHHH
H
H
H
L
L
H
L
L
L
L
HHHH
H
H
H
L
L
HL
LH
HLH
H
H
H
H
H
L
L
HLHL
H
H
LH
H
H
H
H
L
L
H
L
HH
HHH
L
H
H
H
H
L
L
HH
L
L
HHHH
L
H
H
H
L
L
HH
L
H
HHHHH
L
H
H
L
L
HHH
L
HHHHH
H
L
H
L
L
HHHH
HHHHH
H
H
L
X:Don’t Care
Thislogic diagram has notbe used to estimate propagation delays
74VHCT138A
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com