Electronic Components Datasheet Search
  English  ▼

X  

PLP5-2-625. Datasheet(PDF) 2 Page - Bivar, Inc.

Part # PLP5-2-625.
Description  PRESS-FIT PANEL MOUNT LIGHT PIPE, LOW PROFILE ROUND, 5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PLP5-2-625. Datasheet(HTML) 2 Page - Bivar, Inc.

  PLP5-2-625. Datasheet HTML 1Page - Bivar, Inc. PLP5-2-625. Datasheet HTML 2Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3. PARTS ARE DYED TO COLOR UPON REQUEST.
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
K. Aukshunas
CHECKED:
DECIMALS
DESIGNED:
PLP5-2-XXX
L
01/22/16
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
DATE:
2
2
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
PRESS-FIT PANEL MOUNT
LIGHT PIPE, LOW PROFILE ROUND, 5mm
PART NO:
TITLE:
ANGULAR
DATE:
®
REVISION:
SEE SHEET #1
REV.
DESCRIPTION
DATE
APPROVED
01/22/16
J. Chiang
OTHER AVAILABLE COLORS
* SEE TABLE FOR ORDERING INFORMATION
RIGID LIGHT PIPE
SERIES
COLOR
Order Code
BLUE
BE
BLACK
BK
GREEN
GN
GRAY
GY
RED
RD
YELLOW
YW
LENGTH
NOTE: LEAVE ORDER CODE BLANK
IF NO COLOR IS DESIRED.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com