Electronic Components Datasheet Search
  English  ▼

X  

PLP5-2-750. Datasheet(PDF) 1 Page - Bivar, Inc.

Part # PLP5-2-750.
Description  PRESS-FIT PANEL MOUNT LIGHT PIPE, LOW PROFILE ROUND, 5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PLP5-2-750. Datasheet(HTML) 1 Page - Bivar, Inc.

  PLP5-2-750. Datasheet HTML 1Page - Bivar, Inc. PLP5-2-750. Datasheet HTML 2Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.050 [1.3mm]
Ø.197 [Ø5.0mm]
FLANGE
X
Ø.152 [Ø3.9mm]
LIGHT PIPE
Ø.158 [Ø4.0mm]
REF.
Ø.156
+.001
-.002
Recommended Mounting Holes
Panel Thickness: 0.047"-0.093"
( UNLESS OTHERWISE SPECIFIED )
PLP5-2-XXX
CAGE CODE : 32559
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
DATE:
CHECKED:
03/05/03
D. Green
03/05/03
DATE:
X°
± 1°
Michael Chen
DECIMALS
.X
± .1
DESIGNED:
.XX
± .01
.XXX
± .005
PRESS-FIT PANEL MOUNT
LIGHT PIPE, LOW PROFILE ROUND, 5mm
PART NO:
TITLE:
ANGULAR
12
SHEET #
OF
L
REVISION:
STANDARD TOLERANCE
®
REV.
DESCRIPTION
APPROVED
DATE
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101
and BSMC-1001.
2. MATERIAL: POLYCARBONATE, 94V-0, CLEAR.
PLP5-2-375
PLP5-2-1000
PLP5-2-750
PLP5-2-625
PLP5-2-500
PLP5-2-250
PLP5-2-350
PLP5-2-1500
PLP5-2-1250
0.750 (19.0mm)
1.000 (25.4mm)
1.500 (38.1mm)
1.250 (31.8mm)
0.375 (9.5mm)
0.625 (15.9mm)
0.500 (12.7mm)
0.350 (8.9mm)
0.250 (6.4mm)
PLP5-2-125
Part No.
0.125 (3.2mm)
X = Body Length
Mounting Hole Tolerance Update
G
T. Y.
01/14/10
Updated General Specifications Note 1.
HT. Y.
10/01/12
Updated For Concavity Face Clarification.
J
J. C.
07/29/14
Added Panel Thickness.
K
J. C.
05/01/15
Added Color Options, Sheet #2.
L
J. C.
01/22/16


Similar Part No. - PLP5-2-750.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLP5-2-250 ETC2-PLP5-2-250 Datasheet
398Kb / 1P
Dual-Lens Geometry
More results

Similar Description - PLP5-2-750.

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1033 DIALIGHT-515-1033 Datasheet
419Kb / 1P
3.2mm Round Optical Light Pipe, 2 Array, Panel Mounted
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
LUMEX INC.
LPF-C011401S LUMEX-LPF-C011401S Datasheet
39Kb / 1P
4mm ROUND RIGHT ANGLE LIGHT PIPE
logo
Dialight Corporation
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
.064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
C-17856 DIALIGHT-C-17856 Datasheet
83Kb / 1P
2.5mm X 5mm RECTANGULAR PANEL MOUNT LIGHT PIPE
C-17858 DIALIGHT-C-17858 Datasheet
85Kb / 1P
SINGLE ELEMENT PANEL MOUNT LIGHT PIPE
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
logo
List of Unclassifed Man...
PLP1-250-F ETC2-PLP1-250-F Datasheet
165Kb / 1P
PRESS-FIT, PANEL MOUNT, LIGHT PIPE, FLAT TOP
logo
LUMEX INC.
LPA-C011302S-2 LUMEX-LPA-C011302S-2 Datasheet
40Kb / 1P
2.6mm ROUND LIGHT PIPE
LPA-C011302S-13 LUMEX-LPA-C011302S-13 Datasheet
41Kb / 1P
3MM ROUND LIGHT PIPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com