Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596D Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC6C596D
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596D Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6C596D Datasheet HTML 1Page - Texas Instruments TPIC6C596D Datasheet HTML 2Page - Texas Instruments TPIC6C596D Datasheet HTML 3Page - Texas Instruments TPIC6C596D Datasheet HTML 4Page - Texas Instruments TPIC6C596D Datasheet HTML 5Page - Texas Instruments TPIC6C596D Datasheet HTML 6Page - Texas Instruments TPIC6C596D Datasheet HTML 7Page - Texas Instruments TPIC6C596D Datasheet HTML 8Page - Texas Instruments TPIC6C596D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
2
SRG8
8
10
7
15
2
EN3
C2
R
C1
1D
G
RCK
CLR
SRCK
SER IN
3
5
4
11
6
13
12
9
14
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPIC6C596
SLIS093D – MARCH 2000 – REVISED MARCH 2015
TPIC6C596 Power Logic 8-Bit Shift Register
1 Features
3 Description
The TPIC6C596 device is a monolithic, medium-
1
•
Low RDS(on), 7 Ω (Typical)
voltage, low-current, 8-bit shift register designed for
•
Avalanche Energy, 30 mJ
use in systems that require relatively moderate load
•
Eight Power DMOS Transistor Outputs of 100-mA
power such as LEDs. The device contains a built-in
Continuous Current
voltage clamp on the outputs for inductive transient
protection. Power driver applications include relays,
•
250-mA Current Limit Capability
solenoids, and other low-current or medium-voltage
•
ESD Protection, 2500 V
loads.
•
Output Clamp Voltage, 33 V
This device contains an 8-bit serial-in, parallel-out
•
Enhanced Cascading for Multiple Stages
shift register that feeds an 8-bit D-type storage
•
All Registers Cleared With Single Input
register. Data transfers through both the shift and
storage registers on the rising edge of the shift
•
Low Power Consumption
register clock (SRCK) and the register clock (RCK),
respectively. The storage register transfers data to
2 Applications
the output buffer when shift register clear (CLR) is
•
Instrumentation Clusters
high. When CLR is low, all registers in the device are
cleared. When output enable (G) is held high, all data
•
Tell-Tale Lamps
in the output buffers is held low and all drain outputs
•
LED Illumination and Controls
are off. When G is held low, data from the storage
•
Automotive Relay or Solenoids Drivers
register is transparent to the output buffers. When
data in the output buffers is low, the DMOS transistor
Logic Symbol
outputs are off. When data is high, the DMOS
transistor outputs have sink-current capability.
The serial output (SER OUT) is clocked out of the
device on the falling edge of SRCK to provide
additional hold time for cascaded applications. This
will provide improved performance for applications
where clock signals may be skewed, devices are not
located near one another, or the system must tolerate
electromagnetic interference.
Outputs are low-side, open-drain DMOS transistors
with output ratings of 33 V and 100 mA continuous
sink-current capability. Each output provides a 250-
mA maximum current limit at TC = 25°C. The current
limit decreases as the junction temperature increases
for additional device protection. The device also
provides up to 2500 V of ESD protection when tested
using the human body model and the 200-V machine
model.
The TPIC6C596 device is characterized for operation
This symbol is in accordance with
over the operating case temperature range of
−40°C
ANSI/IEEE Std 91-1984 and IEC
to 125°C.
Publication 617-12.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (16)
9.90 mm × 3.91 mm
TPIC6C596
PDIP (16)
19.30 mm × 6.35 mm
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPIC6C596D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C596D TI-TPIC6C596D Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
467Kb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596DG4 TI-TPIC6C596DG4 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596DG4 TI-TPIC6C596DG4 Datasheet
467Kb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6C596D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
Power logic 8-bit shift register
06-Sep-2007
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
POWER LOGIC 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com