Electronic Components Datasheet Search
  English  ▼

X  

TPPM0301 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPPM0301
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPPM0301 Datasheet(HTML) 5 Page - Texas Instruments

  TPPM0301 Datasheet HTML 1Page - Texas Instruments TPPM0301 Datasheet HTML 2Page - Texas Instruments TPPM0301 Datasheet HTML 3Page - Texas Instruments TPPM0301 Datasheet HTML 4Page - Texas Instruments TPPM0301 Datasheet HTML 5Page - Texas Instruments TPPM0301 Datasheet HTML 6Page - Texas Instruments TPPM0301 Datasheet HTML 7Page - Texas Instruments TPPM0301 Datasheet HTML 8Page - Texas Instruments TPPM0301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPPM0301
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS315 – SEPTEMBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
To ensure reliable operation of the device, the junction temperature of the output device must be within the safe
operating area (SOA). This is achieved by having a means to dissipate the heat generated from the junction
of the output structure. There are two components that contribute to thermal resistance. They consist of two
paths in series. The first is the junction to case thermal resistance, RθJC; the second is the case to ambient
thermal resistance, RθCA. The overall junction to ambient thermal resistance, RθJA, is determined by:
RθJA = RθJC + RθCA
The ability to efficiently dissipate the heat from the junction is a function of the package style and board layout
incorporated in the application. The operating junction temperature is determined by the operating ambient
temperature, TA, and the junction power dissipation, PJ.
The junction temperature, TJ, is equal to the following thermal equation:
TJ = TA + PJ (RθJC) + PJ (RθCA)
TJ = TA + PJ (RθJA)
This particular application uses the enhanced 8-pin SO package with an integral fused lead frame (terminals
5 to 8). By incorporating a dedicated heat spreading copper plane of at least two square inches on a double-side
printed-circuit board (PCB), a thermal resistance of junction to ambient, RθJA, of 50°C/W can be obtained.
Alternatively, if no dedicated copper plane is incorporated for this device and the PCB has a multilayer
construction, the ground terminals (5 to 8) could be electrically connected to the ground plane of the board. This
will provide a means for heat spreading through the copper plane associated within the PCB (GND layer). This
concept could provide a thermal resistance from junction to ambient, RθJA, of 70°C/W if implemented correctly.
Hence, maximum power dissipation allowable for an operating ambient temperature of 70
°C, and a maximum
junction temperature of 150
°C is determined as:
PJ = (TJ – TA) / RθJA
PJ = (150 – 70) / 50 = 1.6 W
Using two square inches of dedicated copper plane on double-sided PCB,
PJ = (150 – 70) / 70 = 1.14 W
Using a multilayer board and utilizing the ground plane for heat spreading, worst case maximum power
dissipation is determined by:
PD = (5.5 – 3) × 0.4 = 1 W
Normal operating maximum power dissipation is (see Figure 1):
PD = (5 – 3.3) × 0.4 = 0.68 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com