Electronic Components Datasheet Search
  English  ▼

X  

IP1726LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP1726LF
Description  26-port 10/100M Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1726LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP1726LF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1726LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IP1726 LF
Preliminary Data Sheet
1/33
Jun 15, 2005
Copyright © 2003, IC Plus Corp.
IP1726 LF-DS-R06
26-port 10/100M Smart Switch Controller
Features
General Description
Embeds 1.5 Mb packet buffer
Handles up to 4K MAC address entries
Supports non-blocking wire speed operation
Provides 24-port SS-SMII and 2-port MII
Supports 2 ports selectable normal MII,
reverse MII
All I/O signals can operate at 3.3V or 1.8V.
Supports up to 26 port based VLAN group
Supports 256 levels of data rate control
Captures BPDU, IGMP and OSPF …packet
and forward to the 26th port.
Suppress/enable per port address learning.
Embeds two levels of priority queues for VLAN
tag,
physical
port
and
IP
Differentiated
Service.
Supports flexible port trunking configuration:
up to 3 groups and up to 4 ports for each
group
Embeds an internal regulator controller to
simplify the system design.
Power supply: 1.8V for core logic; optional
3.3V or 1.8V for I/O.
128 pin QFP package
Adjustable I/O driving capability
Support packet length up to 1536 Bytes
Spanning Tree state support.
Supports 3 kinds of port mirrioring methods
HOL blocking prevention
Only one 25MHz crystal needed
Broadcast storm control support
Programmable MAC address table through 2
serial pins.
Support Lead Free package (Please refer to
the Order Information)
Supporting 24-port SS-SMII, 2-port MII and
various advanced features, the IP1726 LF fits both
the office switch and the ETTH( Ethernet to the
Home) application. The IP1726 LF embeds
internal SSRAM for the use of the packet buffer
and
the
MAC
address
table.
Besides
the
traditional
switch
functions,
the
IP1726
LF
provides the easy-to-design solution, fitting the
requirement of most switch application.
The IP1726 LF also supports some features which
can simplify the customer’s design from the
viewpoint of the system. The embedded regulator
controller can reduce the component number on
the system board. The web management can be
easily accomplished by adding an external CPU
with protocol stack. All the I/O pins can operate at
3.3V or 1.8V, providing more design flexibility for
power supply distribution.
The IP1726 LF embeds 1.5Mb internal packet
buffer and stores up to 4K MAC address entries,
making
it
suitable
for
the
generic
switch
application. In addition, the IP1726 LF supports a
wide range of data rate for both egress and
ingress, which is useful in the ETTH(Ethernet to
the Home) application. The higher layer data
packet such as BPDU, IGMP, OSPF can be
forwarded to either the 25
th or 26th (CPU) port. The
flexible trunk configuration allows the user to scale
the switch interconnection bandwidth. When the
port mirroring function is enabled, the data traffic
on the source port will be forwarded to a specified
destination port, making the switch administration
easier. Supporting up to 26 port based VLAN
groups, the IP1726 LF can be configured to fit
various traffic partitions. The CoS function is
accomplished by configuring the priority of the
physical port, the 802.1Q VLAN tag and IP
DSCP(Differentiated Service Code Point). In order
to fit the application of some special environment,
the address learning and the MAC address table
aging can be disabled.


Similar Part No. - IP1726LF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
IP1726 PULSE-IP1726 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - IP1726LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
Eight-port 10/100M Ethernet Switch Controller
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
Managed 9-Port 10/100M Ethernet Switch
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
4-Port 10/100M Ethernet Access Controller
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
26 port 10/100 Mbps Ethernet Switch Controller
DM8108 ETC1-DM8108 Datasheet
371Kb / 35P
8 port 10/100M Fast Ethernet Switching Controller
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
18-port 10/100Mbps Smart Switch Controller
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
8-Port 10/100M Desktop Switch
TL-SF1016D ETC2-TL-SF1016D Datasheet
477Kb / 2P
16-Port 10/100M Desktop Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com