Electronic Components Datasheet Search
  English  ▼

X  

IP1000ALF Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
61/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.3
EEPROM Fields
Table 3-4 summarizes the layout of the data stored in an EEPROM connected to the IP1000A LF. Most
defined EEPROM fields are read from the EEPROM and loaded into unique register bit positions within
the IP1000A LF during auto initialization.
In Table 3-4, all locations marked “Unused” and all locations not shown are not utilized by the IP1000A
LF.
Table 3-4 : IP1000A LF EEPROM Field Layout
16 BIT WORD
ADDR OFFSET
StationAddress
12
StationAddress
11
StationAddress
10
Unused
F
Unused
E
Unused
D
Unused
C
Unused
B
Unused
A
Unused
9
Unused
8
Unused
7
LEDMode
6
PCI Register I/O, Mem Base[31:16]
5
PCI Register I/O, I/O, Mem Base[15:8]
4
SubsystemId
3
SubsystemVendorId
2
AsicCtrl
1
ConfigParm
0
3.2.3.1
ConfigParm
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x00
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
0
FastBackToBack
Fast Back to Back. FastBackToBack corresponds to the
FastBackTo-Back bit of the ConfigStatus register.
1
Lower1Meg
Lower 1 Megabyte. Lower1Meg corresponds to bit 1 of the MemMap-Type
field in the MemBaseAddress register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com