Electronic Components Datasheet Search
  English  ▼

X  

IP178CHLF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IP178CHLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CHLF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IP178CHLF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
4/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Revision History
Revision #
Change Description
2.
Modify Pin description on page 21 for (IP178CH)
3.
Modify initial setting on page 5 for (IP178CH)
IP178Cx-DS-R11
1.
Modify SCA Table on page 48
2.
Replace with new SCA register table
3.
Replace IP178C with IP178C/IP178CH
4.
Modify the difference of the definition in pin 36 and 57 between IP178B and
IP178C/IP178CH on page 5 and 6
5.
Modify application blocks on page 12, 13 and 14
6.
Add “IP178CH support two fiber “ to feature list and general description on page
1
IP178Cx-DS-R12
1.
Modify from “register 0” to “register 5” on page 74
2.
Modify flow control description on page 32
3.
Modify IPL/IPH description on page 15
4.
Add 2.5V VCC_O DC description on page 86
5.
Modify Bi-color LED definition on page 19
6.
Replace PHY0 register 1.1 IP113A to IP178C/IP178CH & add RO/LH on page
51
7.
Modify OP0 OP1 to FX enable/half on page 60
8.
Add FXSDx DC on page 86
9.
Modify LED Flash behavior on page 31
10. Add X1 VIL & X1 VIH on page 86
11. Add 512k bits packet buffer memory on page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com