Electronic Components Datasheet Search
  English  ▼

X  

8111 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8111
Description  USB to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8111 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8111 Datasheet HTML 1Page - Sealevel Systems, Inc. 8111 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter
Part: 8111 | Model: SeaDAC Lite DIO-8
Features
• 4 optically isolated inputs
• Optical isolation provides protection against surges and ground loops
• 4 SPST Form A Reed relays
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Optional removable spring-clamp terminal blocks available
• Status LEDs display I/O activity and USB connection
• Sealevel’s SeaLATCH locking USB port provides secure connection with
SeaLATCH USB cables via metal thumbscrews
• Powered by USB connection
• Sealevel software supports Windows 7/Vista/XP/2000 operating
systems
• Housed in rugged, attractive plastic enclosure
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)
Specifications
Family
SeaDAC Lite
Input Isolation
2500VAC RMS, 3500VDC
Contact Current
500mA max.
Contact Operate Time
0.5ms max.
Contact Release Time
0.2ms max.
Contact Voltage
60VDC max.
Digital I/O
Isolated Inputs, Reed Relay Outputs
Dimensions
4.3 (L) x 3.4 (W) x 1.3 (H)
Extended Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Contact Bounce Time
0.5ms max.
Input Impedance
6.2K Ohms (in series)
Input Range
5-30 VDC
Host Interface(s)
USB
Number of Inputs/
Outputs
4 Inputs, 4 Outputs
Operating Temperature
0°C to 70°C (32°F to 158°F)
Output Power
10VA max.
Output Type
SPST Form A Reed relays
# of Ports
4/4
Power Requirement
+5V @ 500mA
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
1.1 Compliant, 2.0 Compatible
sealevel.com
+1 864.843.4343
SL9443 E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com