Electronic Components Datasheet Search
  English  ▼

X  

8112 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8112
Description  USB to 4 Optically Isolated Inputs / 4 Form C Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8112 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8112 Datasheet HTML 1Page - Sealevel Systems, Inc. 8112 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Family
• SeaDAC Lite
Contact Current AC
• 6A max.
Contact Current DC
• 30 VDC @ 700mA max., (100mA min.)
Contact Operate Time
• 10ms max.
Contact Release Time
• 5ms max.
Contact Voltage
• 60VDC max., 250VAC max., (5VDC min.)
Digital I/O
• Form C Relay Outputs, Isolated Inputs
Dimensions
• 4.3 (L) x 3.4 (W) x 1.3 (H)
Extended Temperature
• Call for Options
Humidity Range
• 10 – 90% Relative Humidity, Non-Condensing
Input Isolation
• 2500VAC RMS, 3500VDC
Input Range
• 5-30 VDC
Input Impedance
• 6.2K Ohms (in series)
Host Interface(s)
• USB
Number of Inputs/Outputs
• 4 Inputs, 4 Outputs
Operating Temperature
• 0°C to 70°C (32°F to 158°F)
Output Power
• DC 240W, AC 1200 VA
Output Type
• SPDT Form C relays
# of Ports
• 4/4
Power Requirement
• +5V @ 500mA
Storage Temperature
• -50°C to 105°C (-58°F to 221°F)
USB Specification
• 1.1 Compliant, 2.0 Compatibl
e
Specifications
World Class, American Made.
Sealevel.com
World Class, American Made.
USB to 4 Optically Isolated Inputs / 4 Form C Relay
Outputs Digital Interface Adapter
Part: 8112 Model: SeaDAC Lite PLC-8
SL9307-C20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com