Electronic Components Datasheet Search
  English  ▼

X  

8115 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 8115
Description  USB to 4 Form C Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8115 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  8115 Datasheet HTML 1Page - Sealevel Systems, Inc. 8115 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 4 Form C Relay Outputs Digital Interface Adapter
Control and monitor four Form C (SPDT) relay outputs via any USB connection with the 8115. The high-current Form C relays can
switch up to 6A loads at 250VAC and up to 5A at 60VDC. Each Form C relay has a discrete common and can be wired for either
normally open or normally closed operation. Status LEDs display I/O activity and field wiring is simplified via 3.5mm removable
terminal blocks.
The SeaMAX software suite supports the SeaDAC Lite family and is designed to work with third party applications via the SeaMAX
API. Sealevel’s SeaMAX software drivers and utilities make installation and operation easy using Windows and Linux operating
systems.
The 8115 integrates Sealevel’s SeaLATCH locking USB port, which is fully compatible with standard USB cables. When used with the
included USB cable with a SeaLATCH USB type B connector, the metal thumbscrew provides a secure connection to the device and
prevents accidental cable disconnection.
SeaDAC Lite modules are housed in a rugged, attractive plastic enclosure ideal for mounting on walls, under counters, or inside
panels. The 8115 is USB bus powered, so no external power supply is needed. Standard operating temperature range of SeaDAC
modules is 0C to +70C and extended temperature range (-40C to +85C) is optional.
Part: 8115 | Model: SeaDAC Lite REL-4C
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 8115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8115 ETC2-8115 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
NTE Electronics
8115 NTE-8115 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Belden Inc.
8115 BELDEN-8115 Datasheet
217Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
05-05-2023
logo
Micronetics, Inc.
8115 MICRONETICS-8115 Datasheet
638Kb / 15P
High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
V07
logo
RAF ELECTRONIC HARDWARE
8115-632-A RAF-8115-632-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8115

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com