Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4556
Description  DIN Rail Terminal Block Adapter to Metro or Arduino Uno
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4556 Datasheet(HTML) 2 Page - Adafruit Industries

  4556 Datasheet HTML 1Page - Adafruit Industries 4556 Datasheet HTML 2Page - Adafruit Industries 4556 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DETAILS
Overall dimensions (W x L x H): 83mm x 87mm x 45mm
PCB Dimensions (W x L): 80mm x 72.5mm
Pitch: 3.81mm/0.15" screw terminal block
Terminal block wire range: 26-16AWG, strip length 5mm, M2 slotted
screw
Dimensional Drawing
https://cdn‐shop.adafruit.com/product‐files/4556/4556‐dimensional%20drawing.png 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com