Electronic Components Datasheet Search
  English  ▼

X  

5309 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 5309
Description  Adafruit MSA311 Triple Axis Accelerometer STEMMA QT / Qwiic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

5309 Datasheet(HTML) 2 Page - Adafruit Industries

  5309 Datasheet HTML 1Page - Adafruit Industries 5309 Datasheet HTML 2Page - Adafruit Industries 5309 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The MSA311 is
very similar to the MSA301, but is not a drop-in replacement.
The I2C address has changed from 0x26 to 0x62!
This sensor communicates over I2C or SPI (our library code supports both) so
you can share it with a bunch of other sensors on the same I2C bus. There's an
address selection pin so you can have two accelerometers share an I2C bus.
To get you going fast, we spun up a custom-made PCB in the STEMMA QT form
factor, making them easy to interface with. The STEMMA QT connectors on
either side are compatible with the SparkFun Qwiic I2C connectors. This allows
you to make solderless connections between your development board and the
MSA311 or to chain with a wide range of other sensors and accessories using
a compatible cable. QT Cable is not included, but we have a variety in the shop
We’ve of course broken out all the pins to standard headers and added a voltage
regulator and level shifting so allow you to use it with either 3.3V or 5V systems
such as the Raspberry Pi + Feather series or Arduino Uno respectively.
Comes with a bit of 0.1" standard header in case you want to use it with a
breadboard or perfboard. Four mounting holes for easy attachment.
Watch on YouTube
https://www.youtube.com/watch?v=6GXRRuFuFy0&feature=emb_imp_woyt
https://www.youtube.com/watch?t=367&v=mg7_fhUGruQ&feature=emb_imp_woyt
Technical Details
Product Dimensions: 25.2mm x 17.7mm x 4.6mm / 1.0" x 0.7" x 0.2"
Product Weight: 1.7g / 0.1oz
•
MSA311 Datasheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com