Electronic Components Datasheet Search
  English  ▼

X  

5579 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 5579
Description  Adafruit Triple axis Magnetometer MMC5603 STEMMA QT / Qwiic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

5579 Datasheet(HTML) 2 Page - Adafruit Industries

  5579 Datasheet HTML 1Page - Adafruit Industries 5579 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
speaks I2C you can easily connect it up with two wires (plus power and ground!). We've
even included SparkFun qwiic compatible STEMMA QT connectors for the I2C bus so you
don't even need to solder! Just wire up to your favorite micro and you can use our
CircuitPython/Python or Arduino drivers to easily interface with the LIS2MDL and get
magnetic measurements ASAP.
It's fully assembled and tested. Comes with a bit of 0.1" standard header in case you want
to use it with a breadboard or perfboard. Four 2.5mm (0.1") mounting holes for easy
attachment.
YouTube link:
https://www.youtube.com/watch?t=380&v=L2NrXry5W1s&feature=emb_imp_woyt
Technical Details
•
I2C Address 0x30
•
Monolithic integrated 3-axis AMR magnetic sensor
•
Superior Dynamic Range and Accuracy:
±30 G FSR
20bits operation mode
0.0625mG per LSB resolution
2 mG total RMS noise
Enables heading accuracy of 1º
•
Sensor true frequency response up to 1KHz
•
I²C peripheral, fast (≤ 400 KHz) mode
•
Ultra-Small Wafer Level Package 0.8x0.8x0.4 mm
•
On-chip automatic degaussing with built-in SET/RESET function
•
Eliminates thermal variation induced offset error (Null field output)
•
Clears the residual magnetization resulting from strong external fields
•
On-chip sensitivity compensation
•
On-chip temperature sensor
https://www.adafruit.com/product/5579 8-18-22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com