Electronic Components Datasheet Search
  English  ▼

X  

121 03 Datasheet(PDF) 6 Page - English Chain Co. Ltd

Part # 121 03
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

121 03 Datasheet(HTML) 6 Page - English Chain Co. Ltd

  121 03 Datasheet HTML 1Page - English Chain Co. Ltd 121 03 Datasheet HTML 2Page - English Chain Co. Ltd 121 03 Datasheet HTML 3Page - English Chain Co. Ltd 121 03 Datasheet HTML 4Page - English Chain Co. Ltd 121 03 Datasheet HTML 5Page - English Chain Co. Ltd 121 03 Datasheet HTML 6Page - English Chain Co. Ltd 121 03 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Small Chains & Accessories
Rings - Steel
Product
Product
Inside Ø
Code
Code
x Material
Unwelded
Welded
(mm)
413 13
423 13
13 x 2.5
413 16
423 16
16 x 2.5
413 19
423 19
19 x 3.0
413 25
423 25
25 x 3.0
413 26
423 26
25 x 4.0
413 30
423 30
30 x 4.0
Finishes: polished; nickel; zinc
Supplied: bulk in 1000s
Dee Rings - Steel
Product
Product
Inside Ø
Code
Code
x Material
Unwelded
Welded
(mm)
373 13
383 13
13 x 2.0
373 16
383 16
16 x 2.5
373 19
383 19
19 x 2.8
373 25
383 25
25 x 3.0
373 30
383 30
30 x 4.0
Finishes: polished; nickel
Supplied: bulk in 1000s
Consumer Hooks - Brass & Steel
Product
Product
Length
Code
Code
x Material
Brass
Steel
(mm)
261 19
263 19
19 x 2
261 22
263 22
22 x 2
261 25
263 25
25 x 2.5
261 32
263 32
32 x 3
261 38
263 38
38 x 3
261 50
263 50
50 x 4
Finishes: brass - polished; nickel; chrome
steel - polished; zinc
Supplied: 100 per box; bulk in 1000s
Ess Hooks - Brass & Steel
Product
Product
Length
Code
Code
x Material
Brass
Steel
(mm)
271 19
273 19
19 x 2
271 22
273 22
22 x 2
271 25
273 25
25 x 2.5
271 32
273 32
32 x 3
271 38
273 38
38 x 3
271 50
273 50
50 x 4
Finishes: brass - polished; nickel; chrome
steel - polished; zinc
Supplied: 100 per box; bulk in 1000s
Spring Hooks - Steel
Product
Length
Code
(mm)
(ins)
283 28
28
1 1/8
283 38
38
1 1/2
283 45
45
1 3/4
283 50
50
2
283 60
60
2 3/8
Finish:
nickel
Supplied: 100 per box; bulk in 1000s
Split (Key) Rings - Steel
Product
Outer
Thickness
Code
Ø
(mm)
(mm)
403 13
13.0
1.7
403 16
16.0
2.3
403 20
20.0
2.6
403 22
22.0
2.9
403 25
25.0
3.2
403 30
30.0
3.7
403 38
38.0
3.7
403 51
51.0
4.3
Finish:
nickel
Supplied: 100 per box; bulk in 1000s
English Chain Co. Ltd.
Tel: 0845 3303 446
Fax: 0845 3303 447
email: sales@englishchain.co.uk
www.englishchain.co.uk
6
Since 1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com