Electronic Components Datasheet Search
  English  ▼

X  

FM8P54E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FM8P54E
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FM8P54E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FM8P54E Datasheet HTML 17Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 18Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 19Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 20Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 21Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 22Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 23Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 24Page - List of Unclassifed Manufacturers FM8P54E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
FM8P54/56
Rev1.21 May 31, 2005
P.21/FM8P54/56
FEELING
TECHNOLOGY
TABLE 2.1: Reset Conditions for All Registers
Register
Address
Power-on Reset
RSTB Reset
Brown-out Reset
WDT Reset
ACC
N/A
xxxx xxxx
uuuu uuuu
OPTION
N/A
-011 1111
-011 1111
IOSTA
05h
---- 1111
---- 1111
IOSTB
06h
1111 1111
1111 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
FSR
04h
11xx xxxx
11uu uuuu
PORTA
05h
---- xxxx
---- uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
xxxx xxxx
uuuu uuuu
General Purpose Register
07h
PCON
08h
1010 ----
1010 ----
WUCON
09h
0000 0000
0000 0000
PCHBUF
0Ah
54: ---- ---0
54: ---- ---0
56: ---- --00
56: ---- --00
PDCON
0Bh
1111 1111
1111 1111
ODCON
0Ch
0000 0000
0000 0000
PHCON
0Dh
1111 1111
1111 1111
INTEN
0Eh
0--- -000
0--- -000
INTFLAG
0Fh
---- -000
---- -000
xxxx xxxx
uuuu uuuu
General Purpose Registers
10 ~ 3Fh
Legend: u = unchanged, x = unknown, - = unimplemented,
# = refer to the following table for possible values.
PD
TO
TABLE 2.2:
/
Status after Reset
PD
TO
RESET was caused by
1
1
Power-on Reset
1
1
Brown-out reset
u
u
RSTB Reset during normal operation
1
0
RSTB Reset during SLEEP
0
1
WDT Reset during normal operation
0
0
WDT Reset during SLEEP
Legend: u = unchanged
PD
TO
TABLE 2.3: Events Affecting
/
Status Bits
PD
TO
Event
Power-on
1
1
WDT Time-Out
0
u
SLEEP instruction
1
0
CLRWDT instruction
1
1
Legend: u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com