Electronic Components Datasheet Search
  English  ▼

X  

TPS2042ADR.A Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS2042ADR.A
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2042ADR.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS2042ADR.A Datasheet HTML 24Page - Texas Instruments TPS2042ADR.A Datasheet HTML 25Page - Texas Instruments TPS2042ADR.A Datasheet HTML 26Page - Texas Instruments TPS2042ADR.A Datasheet HTML 27Page - Texas Instruments TPS2042ADR.A Datasheet HTML 28Page - Texas Instruments TPS2042ADR.A Datasheet HTML 29Page - Texas Instruments TPS2042ADR.A Datasheet HTML 30Page - Texas Instruments TPS2042ADR.A Datasheet HTML 31Page - Texas Instruments TPS2042ADR.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
TPS2041A, TPS2042A, TPS2043A, TPS2044A
TPS2051A, TPS2052A, TPS2053A, TPS2054A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS247 – SEPTEMBER 2000
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
generic hot-plug applications (see Figure 33)
In many applications it may be necessary to remove modules or pc boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen
by the main power supply and the card being inserted. The most effective way to control these surges is to limit
and slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Due to the controlled rise times and fall times of the TPS204xA and TPS205xA, these devices
can be used to provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature
of the TPS204xA and TPS205xA also ensures the switch will be off after the card has been removed, and the
switch will be off during the next insertion. The UVLO feature insures a soft start with a controlled rise time for
every insertion of the card or module.
Power
Supply
Block of
Circuitry
TPS2041A
GND
IN
IN
EN
OUT
OUT
OUT
OC
0.1
µF
1000
µF
Optimum
2.7 V to 5.5 V
PC Board
Overcurrent Response
Figure 33. Typical Hot-Plug Implementation (Example, TPS2041A)
By placing the TPS204xA and TPS205xA between the VCC input and the rest of the circuitry, the input power
will reach these devices first after insertion. The typical rise time of the switch is approximately 2.5 ms, providing
a slow voltage ramp at the output of the device. This implementation controls system surge currents and
provides a hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com