Electronic Components Datasheet Search
  English  ▼

X  

TPS2100DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2100DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2100DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2100DBVT Datasheet HTML 3Page - Texas Instruments TPS2100DBVT Datasheet HTML 4Page - Texas Instruments TPS2100DBVT Datasheet HTML 5Page - Texas Instruments TPS2100DBVT Datasheet HTML 6Page - Texas Instruments TPS2100DBVT Datasheet HTML 7Page - Texas Instruments TPS2100DBVT Datasheet HTML 8Page - Texas Instruments TPS2100DBVT Datasheet HTML 9Page - Texas Instruments TPS2100DBVT Datasheet HTML 10Page - Texas Instruments TPS2100DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197D – JUNE 1999 – REVISED JUNE 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLH
tPHL
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
90%
10%
VO
GND
VI
tr
tf
Propagation Delay Time, Low-to-High-Level Output
Propagation Delay Time, High-to–Low-Level Output
Rise/Fall Time
ton
toff
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
Turn-on Transition Time
Turn-off Transition Time
WAVEFORMS
OUT
CL
IO
LOAD CIRCUIT
Figure 3. Test Circuit and Voltage Waveforms
Table of Timing Diagrams†
FIGURE
Propagation Delay and Rise Time With 0.1-
µF Load, IN1
4
Propagation Delay and Rise Time With 0.1-
µF Load, IN2
5
Propagation Delay and Fall Time With 0.1-
µF Load, IN1
6
Propagation Delay and Fall Time With 0.1-
µF Load, IN2
7
Propagation Delay and Rise Time With 1-
µF Load, IN1
8
Propagation Delay and Rise Time With 1-
µF Load, IN2
9
Propagation Delay and Fall Time With 1-
µF Load, IN1
10
Propagation Delay and Fall Time With 1-
µF Load, IN2
11
† Waveforms shown in Figures 4–11 refer to TPS2100 at TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com