Electronic Components Datasheet Search
  English  ▼

X  

403 16 Datasheet(PDF) 3 Page - English Chain Co. Ltd

Part # 403 16
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

403 16 Datasheet(HTML) 3 Page - English Chain Co. Ltd

  403 16 Datasheet HTML 1Page - English Chain Co. Ltd 403 16 Datasheet HTML 2Page - English Chain Co. Ltd 403 16 Datasheet HTML 3Page - English Chain Co. Ltd 403 16 Datasheet HTML 4Page - English Chain Co. Ltd 403 16 Datasheet HTML 5Page - English Chain Co. Ltd 403 16 Datasheet HTML 6Page - English Chain Co. Ltd 403 16 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Small Chains & Accessories
Oval Link Chain - Brass
Product
Link Length
Imperial
Code
x Material
(mm)
Brazed
331 08
8 x 1.4
5/16” x 17g
331 10
10 x 1.6
3/8” x 16g
331 13
13 x 1.8
1/2” x 15g
331 16
16 x 2.3
5/8” x 13g
331 19
19 x 2.5
3/4” x 12g
331 25
25 x 3.0
1” x 11g
Finishes: polished; chrome
Supplied: 10m hanks; 10m boxes & reels
Oval Link Chain - Steel
Product
Link Length
Imperial
Code
x Material
(mm)
Welded
333 13
13 x 1.8
1/2” x 15g
333 16
16 x 2.3
5/8” x 13g
333 19
19 x 2.5
3/4” x 12g
333 25
25 x 3.0
1” x 11g
Finishes: polished; zinc; black
Supplied: 10m hanks
Oval Link Chain - Stainless Steel
Product
Link Length
Imperial
Code
x Material
(mm)
Welded
335 12
13 x 1.6
1/2” x 16g
335 15
16 x 2.0
5/8” x 14g
335 18
19 x 2.3
3/4” x 13g
335 25
25 x 3.0
1” x 11g
Finish:
polished
Supplied: 10m hanks
Chandelier Chain
Product
Size
Link Length
Code
x Material
(mm)
Brass
151 13
109
13 x 0.35
151 16
127
16 x 0.45
151 19
128
19 x 0.50
151 22
136
22 x 0.75
151 25
165
25 x 0.95
Finishes:
polished; chrome
Supplied: 10m hanks; 10m boxes & reels
Plumbers Chain
Product
Size
Link Length
Code
x Material
(mm)
Brass
151 94
194
17 x 0.70
151 96
196
24 x 1.20
Finishes:
polished; chrome
Supplied: 10m hanks; 10m boxes & reels
Clock Chain
Product
Link Length
Code
x Material
(mm)
Brass
161 13
13 x 1.6
Finishes:
polished; chrome
Supplied: 10m hanks
Product
Link Length
Code
x Material
(mm)
Stainless Steel
165 19
19 x 2.0
Finish:
polished
Supplied: 10m hanks
English Chain Co. Ltd.
Tel: 0845 3303 446
Fax: 0845 3303 447
email: sales@englishchain.co.uk
www.englishchain.co.uk
3
Since 1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com