Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MUX
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments TPS2113 Datasheet HTML 10Page - Texas Instruments TPS2113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS2110
TPS2111
SLVS443 – DECEMBER 2002
www.ti.com
7
FUNCTIONAL BLOCK DIAGRAM
Control
Logic
_
+
VI(VSNS) >0.8 V
D1
D0
UVLO (IN1)
UVLO (IN2)
UVLO (VDD)
Q2 is ON
Q1 is ON
_
+
_
+
+
0.6 V
EN2
EN1
Cross-Conduction
Detector
_
+
Q2
Q1
Charge
Pump
0.5 V
TPS2110: k = 0.2%
TPS2111: k = 0.1%
k
× IO(OUT)
_
+
VO(OUT) > VI(INx)
+
100 mV
_
+
IO(OUT)
Vf = 0 V
EN1
IN2
IN1
7
4
OUT
ILIM
Internal VDD
Vf = 0 V
VDD
ULVO
Thermal
Sense
1
µA
IN2
ULVO
1
µA
IN1
ULVO
0.8 V
8
6
1
2
3
5
IN1
IN2
D0
D1
VSNS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com