Electronic Components Datasheet Search
  English  ▼

X  

TPS2206IDAPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2206IDAPR
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2206IDAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2206IDAPR Datasheet HTML 3Page - Texas Instruments TPS2206IDAPR Datasheet HTML 4Page - Texas Instruments TPS2206IDAPR Datasheet HTML 5Page - Texas Instruments TPS2206IDAPR Datasheet HTML 6Page - Texas Instruments TPS2206IDAPR Datasheet HTML 7Page - Texas Instruments TPS2206IDAPR Datasheet HTML 8Page - Texas Instruments TPS2206IDAPR Datasheet HTML 9Page - Texas Instruments TPS2206IDAPR Datasheet HTML 10Page - Texas Instruments TPS2206IDAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics†‡
PARAMETER
TEST CONDITIONS
TPS2206Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output rise time
VO(xVCC)
1.2
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
LATCH
↑ to VO(xVPP)
ton
4.4
ms
LATCH
↑ to VO(xVPP)
toff
18
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 5 V
ton
6.5
ms
tpd
Propagation delay (see Figure 1)
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 5 V
toff
20
ms
tpd
Propagation delay (see Figure 1)
LATCH
↑ to VO(xVCC) (5 V)
ton
5.7
ms
LATCH
↑ to VO(xVCC) (5 V)
toff
25
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 0
ton
6.6
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 0
toff
21
ms
† Refer to Parameter Measurement Information
‡ Switching Characteristics are with CL = 150 µF.
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
CL
ton
VOLTAGE WAVEFORMS
VI(12V)
GND
50%
90%
VDD
GND
LATCH
VO(xVPP)
Vpp
LOAD CIRCUIT
CL
VCC
ton
toff
VOLTAGE WAVEFORMS
VI(5V)
GND
50%
90%
10%
VDD
GND
LATCH
VO(xVCC)
10%
toff
Figure 1. Test Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com